Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC1623R Fiches technique(PDF) 1 Page - Yea Shin Technology Co., Ltd

No de pièce 2SC1623R
Description  General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

2SC1623R Fiches technique(HTML) 1 Page - Yea Shin Technology Co., Ltd

  2SC1623R Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 2SC1623R Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 2SC1623R Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 2SC1623R Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 2SC1623R Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120703
2SC1623Q/R/S
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
50
V
Collector-Base Voltage
VCBO
60
V
Emitter-Base Voltage
VEBO
7V
Collector current-continuoun
IC
150
mAdc
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board, (1)
PD
225
mW
1.8
mW/oC
Thermal Resistance, Junction to Ambient
R
θJA
556
oC/W
PD
300
mW
2.4
mW/oC
Thermal Resistance, Junction to Ambient
R
θJA
417
oC
/W
Junction and Storage Temperature
Tj ,Tstg
-55 to +150
oC
DEVICE MARKING
2SC1623Q=L5
2SC1623R=L6
2SC1623S=L7
ELECTRICAL CHARACTERISTICS (TA
=25oC unless otherwise noted)
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector Cutoff Current (VCB=60V)
I CBO
-
-
0.1
µA
Emitter Cutoff Current (VBE=5V)
I EBO
0.1
µA
Characteristic
Total Device Dissipation
Derate above 25
oC
Rating
TA=25
oC
Derate above 25
oC
Alumina Substrate, (2) TA=25
oC
Characteristic
General Purpose Transistors
2
EMITTER
3
COLLECTOR
1
BASE
Pb-Free pack
kage is available
SOT–23 (TO–236AB)
1
2
3
H


Numéro de pièce similaire - 2SC1623R

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Bruckewell Technology L...
2SC1623 BWTECH-2SC1623 Datasheet
380Kb / 4P
   Silicon PNP Epitaxial Type Transistor
logo
Shanghai Leiditech Elec...
2SC1623 LEIDITECH-2SC1623 Datasheet
474Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
Weitron Technology
2SC1623 WEITRON-2SC1623 Datasheet
194Kb / 4P
   NPN General Purpose Transistors
logo
GUANGDONG HOTTECH INDUS...
2SC1623 HOTTECH-2SC1623 Datasheet
190Kb / 2P
   Plastic-Encapsulate Transistors
More results

Description similaire - 2SC1623R

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com