Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SFR1020CL-TA3-T Datasheet(Fiches technique) 3 Page - Unisonic Technologies

Numéro de pièce SFR1020CL-TA3-T
Description  High Surge Current Capability
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SFR1020CL-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  SFR1020CL-TA3-T Datenblatt HTML 1Page - Unisonic Technologies SFR1020CL-TA3-T Datenblatt HTML 2Page - Unisonic Technologies SFR1020CL-TA3-T Datasheet HTML 3Page - Unisonic Technologies SFR1020CL-TA3-T Datenblatt HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SFR1020C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-004.C
TYPICAL CHARACTERISTICS
1.0
0.1
IE-3
δ=0.2
Single pulse
δ=0.5
δ=0.1
IE-2
IE-1
IE+0
Pulse Duration,t (s)
0.1
2.0
1.0
10.0
50.0
Forward Voltage Drop, VFM (V)
TJ=25°C
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
TJ=125°C
Forward Voltage Drop Versus Forward Current
(Maximum Values, Per Diode)
Relative Variation Of Thermal Versus Impedance
Junction To Case Versus Pulse Duration
T
δ=tp/T
tp


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn