Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KA-3528SYT Datasheet(Fiches technique) 2 Page - Kingbright Corporation

Numéro de pièce KA-3528SYT
Description  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528SYT Datasheet(HTML) 2 Page - Kingbright Corporation

  KA-3528SYT Datenblatt HTML 1Page - Kingbright Corporation KA-3528SYT Datasheet HTML 2Page - Kingbright Corporation KA-3528SYT Datenblatt HTML 3Page - Kingbright Corporation KA-3528SYT Datenblatt HTML 4Page - Kingbright Corporation KA-3528SYT Datenblatt HTML 5Page - Kingbright Corporation KA-3528SYT Datenblatt HTML 6Page - Kingbright Corporation KA-3528SYT Datenblatt HTML 7Page - Kingbright Corporation KA-3528SYT Datenblatt HTML 8Page - Kingbright Corporation KA-3528SYT Datenblatt HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1-KA3528-2
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Peak Wavelength
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
625
590
660
565
595
nm
IF=20mA
Spectral Line
Halfwidth
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
45
35
20
30
20
nm
IF=20mA
Capacitance
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
12
10
95
45
33
pF
VF=0V;f=1MHz
Forward Voltage
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
2.0
2.1
1.85
2.2
2.0
2.5
2.5
2.5
2.5
2.4
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Max.
2θ1/2
KA-3528IT
HIGH EFFICIENCY RED (GaAsP/GaP)
RED TRANSPARENT
12.5
40
120°
KA-3528EC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
12.5
40
120°
KA-3528YT
YELLOW (GaAsP/GaP)
YELLOW TRANS.
8
20
120°
KA-3528YC
YELLOW (GaAsP/GaP)
WATER CLEAR
8
20
120°
KA-3528SRT
SUPER BRIGHT RED (GaAlAs)
RED TRANSPARENT
70
300
120°
KA-3528SRC
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
70
300
120°
KA-3528SGT
SUPER BRIGHT GREEN (GaP)
GREEN TRANSPARENT
12.5
40
120°
KA-3528SGC
SUPER BRIGHT GREEN (GaP)
WATER CLEAR
12.5
40
120°
KA-3528SYT
SUPER BRIGHT YELLOW (InGaAlP)
YELLOW TRANSPARENT
12.5
40
120°
KA-3528SYC
SUPER BRIGHT YELLOW (InGaAlP)
WATER CLEAR
12.5
40
120°
KAA-3528ESGC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
12.5
40
120°
SUPER BRIGHT GREEN (GaP)
12.5
40
KAA-3528EMBSGC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
12.5
40
120°
SUPER BRIGHT GREEN (GaP)
12.5
40
BLUE (GaN)
2
8
Selection Guide
λpeak
Electrical / Optical Characteristics at T A=25°C
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
∆λ1/2
C
vF
IR


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AAA3528SURKSGC3.5 x 2.8mm SURFACE MOUNT LED LAMP 1 Kingbright Corporation
AAD3528PBC3.5 x 2.8mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA35283.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS 1 2 3 4 5 MoreKingbright Corporation
GH-S170SURFACE MOUNT LED LAMPS 1 2 3 List of Unclassifed Manufacturers
BL-HS134ESURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
GH-S133SURFACE MOUNT LED LAMPS 1 Yellow Stone Corp
BL-HS135ASURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
BL-HS136DSURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
LEM-54221TSURFACE MOUNT CHIP LED LAMPS 1 List of Unclassifed Manufacturers
BL-HB4KB34BSURFACE MOUNT DUAL COLOR LED LAMPS 1 Yellow Stone Corp

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn