Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KH561 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KH561
Description  Wideband, Low Distortion Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KH561 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KH561 Datasheet HTML 1Page - Fairchild Semiconductor KH561 Datasheet HTML 2Page - Fairchild Semiconductor KH561 Datasheet HTML 3Page - Fairchild Semiconductor KH561 Datasheet HTML 4Page - Fairchild Semiconductor KH561 Datasheet HTML 5Page - Fairchild Semiconductor KH561 Datasheet HTML 6Page - Fairchild Semiconductor KH561 Datasheet HTML 7Page - Fairchild Semiconductor KH561 Datasheet HTML 8Page - Fairchild Semiconductor KH561 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
s
150MHz bandwidth at +24dBm output
s
Low distortion
(2nd/3rd: -59/-62dBc @ 20MHz and 10dBm)
s
Output short circuit protection
s
User-definable output impedance, gain,
and compensation
s
Internal current limiting
s
Direct replacement for CLC561
Applications
s
Output amplification
s
Arbitrary waveform generation
s
ATE systems
s
Cable/line driving
s
Function generators
s
SAW drivers
s
Flash A/D driving and testing
General Description
The KH561 is a wideband DC coupled, amplifier that
combines high output drive and low distortion. At
an output of +24dBm (10Vpp into 50Ω), the -3dB
bandwidth is 150MHz. As illustrated in the table
below, distortion performance remains excellent
even when amplifying high-frequency signals to high
output power levels.
With the output current internally limited to 250mA,
the KH561 is fully protected against shorts to ground
and can, with the addition of a series limiting resistor
at the output, withstand shorts to the ±15V supplies.
The KH561 has been designed for maximum flexibility
in a wide variety of demanding applications. The
two resistors comprising the feedback network set
both the gain and the output impedance, without
requiring the series backmatch resistor needed by most
op amps. This allows driving into a matched load
without dropping half the voltage swing through a
series matching resistor. External compensation allows
user adjustment of the frequency response. The
KH561 is specified for both maximally flat frequency
response and 0% pulse overshoot compensations.
The combination of wide bandwidth, high output
power, and low distortion, coupled with gain, output
impedance and frequency response flexibility, makes
the KH561 ideal for waveform generator applications.
Excellent stability driving capacitive loads yields
superior performance driving ADC’s, long transmission
lines, and SAW devices. A companion part, the
KH560, offers superior pulse fidelity for high accuracy
DC coupled applications.
The KH561 is constructed using thin film resistor/bipolar
transistor technology, and is available in the following
versions:
KH561AI
-25°C to +85°C
24-pin Ceramic DIP
KH561AK
-55°C to +125°C
24-pin Ceramic DIP,
features burn-in
and hermetic testing
KH561AM
-55°C to +125°C
24-pin Ceramic DIP,
environmentally screened
and electronically tested
to MIL-STD-883
KH561
Wideband, Low Distortion Driver Amplifier
www.fairchildsemi.com
REV. 1A February 2001
4
19
23
21
20
15
10
5
18
8
+
-
Compensation
Vo
-VCC
All undesignated
pins are internally
unconnected. May
be grounded if
desired.
+VCC
V+
V-
Frequency Response vs. Output Power
Frequency (MHz)
16
12
6
0
40
80
120
160
200
10
8
14
Po = 10dBm
Vo = 2Vpp
Po = 24dBm
Vo = 10Vpp
Po = 27.5dBm
Vo = 15Vpp
Po = 18dBm
Vo = 5Vpp
Typical Distortion Performance
Output
20MHz
50MHz
100MHz
Power
2nd
3rd
2nd
3rd
2nd
3rd
10dBm
-59
-62
-52
-60
-35
-49
18dBm
-52
-48
-45
-46
-30
-36
24dBm
-50
-41
-36
-32
-40
-30


Numéro de pièce similaire - KH561

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AI CADEKA-KH561AI Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AK CADEKA-KH561AK Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AK/AM CADEKA-KH561AK/AM Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AM CADEKA-KH561AM Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
More results

Description similaire - KH561

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Fairchild Semiconductor
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MHW1304L MOTOROLA-MHW1304L Datasheet
49Kb / 2P
   Low Distortion Wideband Reverse Amplifier Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com