Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KH561 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce KH561
Description  Wideband, Low Distortion Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KH561 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  KH561 Datasheet HTML 1Page - Fairchild Semiconductor KH561 Datasheet HTML 2Page - Fairchild Semiconductor KH561 Datasheet HTML 3Page - Fairchild Semiconductor KH561 Datasheet HTML 4Page - Fairchild Semiconductor KH561 Datasheet HTML 5Page - Fairchild Semiconductor KH561 Datasheet HTML 6Page - Fairchild Semiconductor KH561 Datasheet HTML 7Page - Fairchild Semiconductor KH561 Datasheet HTML 8Page - Fairchild Semiconductor KH561 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
KH561
DATA SHEET
REV. 1A February 2001
3
PARAMETERS
CONDITIONS
TYP
MIN & MAX RATINGS
UNITS
SYM
Case Temperature
KH561AI
+25°C
-25°C
+25°C
+85°C
Case Temperature
KH561AK/AM
+25°C
-55°C
+25°C
+125°C
TIME DOMAIN RESPONSE (0% Overshoot Compensation)
rise and fall time
2V step
1.5
<2.0
<1.9
<2.0
ns
TRS
10V step
2.4
<2.8
<2.8
<3.4
ns
TRL
settling time to 0.5% (time <1
µs)
5V step
7
<12
<12
<15
ns
TS
long term thermal tail (time >1
µs)
5V step
1.5
<2.0
<2.0
<2.0
%
SE
slew rate
10Vpp, 175MHz
3300
>3000
>2900
>2500
V/
µsSR
overshoot
2V step
maximally flat compensation
5
<13
<10
<13
%
OSMF
0% overshoot compensation
0
<5
<3
<5
%
OSZO
EQUIVALENT INPUT NOISE
voltage
>100KHz
2.1
<2.5
<2.5
<2.5
nV/
√Hz
VN
inverting current
>100KHz
34
<40
<40
<45
pA/
√Hz
ICN
non-inverting current
>100KHz
2.8
<4.5
<4.5
<5.0
pA/
√Hz
NCN
noise floor
>100KHz
-159
<-157
<-157
<-157
dBm/(1Hz)
SNF
integrated noise
1kHz to 200MHz
35
<45
<45
<45
µV
INV
noise figure
>100KHz
15
<17
<17
<17
dB
NF
STATIC, DC PERFORMANCE
* input offset voltage
2.0
<14.0
<5.0
<15.0
mV
VIO
average temperature coefficient
35
<100
<100
µV/°C
DVIO
* non-inverting bias current
5.0
<35
<20
<20
µA
IBN
average temperature coefficient
20
<175
<100
nA/°C
DIBN
* inverting bias current
10.0
<50
<30
<50
µA
IBI
average temperature coefficient
100
<200
<200
nA/°C
DIBI
* power supply rejection ratio (DC)
57
>54
>54
>52
dB
PSRR
* supply current
no load
50
<60
<60
<65
mA
ICC
MISCELLANEOUS PERFORMANCE
open loop current gain
(±2% tolerance)
10.0
––
mA/mA
G
average temperature coefficient
+0.02
<+.03
<+.02
%/°CDG
inverting input resistance
(±5% tolerance)
14.0
––
RIN
average temperature coefficient
+.02
<+.025
<+.025
Ω/°C
DRIN
non-inverting input resistance
700
>200
>400
>400
K
RNI
non-inverting input capacitance
to 100MHz
2.7
<3.5
<3.5
<3.5
pF
CNI
output voltage range
150mA load current
±10.5
>±10.0
VVO
output current limit
210
<250
<250
<250
mA
OCL
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
Recommended Operating Conditions
VCC (reversed supplies will destroy part)
±20V
VCC
±10V to ±15V
differential input voltage
±3V
Io
≤ ±200mA
common mode input voltage
±VCC
common mode input voltage
< ±(|VCC| -6)V
junction temperature (see thermal model)
+175°C
output impedance
25
Ω to 200Ω
storage temperature
-65°C to +150°C
gain range (no-load voltage gain)
+5 to +80
lead temperature (soldering 10s)
+300°C
case temperature: AI
-25°C to +85°C
output current (internally limited)
±250mA
AK/AM
-55°C to +125°C
Notes
1) *
AI, AK, AM 100% tested at +25°C
AK, AM
100% tested at at +25°C and sample tested
at -55°C and +125°C
AI
sample tested at +25°C
2) Test Tones are set ±100kHz of indicated frequency.
KH561 Electrical Characteristics (Av = +10V, VCC = ±15V, RL = 50Ω, Rf = 410Ω, Rg = 40Ω, Ro = 50Ω; unless specified)


Numéro de pièce similaire - KH561

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AI CADEKA-KH561AI Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AK CADEKA-KH561AK Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AK/AM CADEKA-KH561AK/AM Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AM CADEKA-KH561AM Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
More results

Description similaire - KH561

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Fairchild Semiconductor
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MHW1304L MOTOROLA-MHW1304L Datasheet
49Kb / 2P
   Low Distortion Wideband Reverse Amplifier Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com