Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KA-3528SRC Datasheet(Fiches technique) 1 Page - Kingbright Corporation

Numéro de pièce KA-3528SRC
Description  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528SRC Datasheet(HTML) 1 Page - Kingbright Corporation

  KA-3528SRC Datasheet HTML 1Page - Kingbright Corporation KA-3528SRC Datenblatt HTML 2Page - Kingbright Corporation KA-3528SRC Datenblatt HTML 3Page - Kingbright Corporation KA-3528SRC Datenblatt HTML 4Page - Kingbright Corporation KA-3528SRC Datenblatt HTML 5Page - Kingbright Corporation KA-3528SRC Datenblatt HTML 6Page - Kingbright Corporation KA-3528SRC Datenblatt HTML 7Page - Kingbright Corporation KA-3528SRC Datenblatt HTML 8Page - Kingbright Corporation KA-3528SRC Datenblatt HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1-KA-3528-1
Kingbright
Notes:
1. All dimensions are in millimeters (inches).
2.Toleranceis
0.25(0.01")unlessotherwisenoted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subjected to change without notice.
Description
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide
Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
The Super Bright Yellow source color devices are made with
DH InGaAlP on GaAs substrate Light Emitting Diode.
The Blue source color devices are made with GaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS. It is recommended
to use a wrist band or anti-electrostatic or anti-electrostatic glove
when handing the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Features
lSINGLE COLOR AND BI-COLOR SMT LED.
lBOTH CHIPS CAN BE CONTROLLED SEPARATELY.
lSUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
lAVAILABLE ON TAPE AND REEL.
lIDEAL FOR BACKLIGHTING.
3.5x2.8mm SURFACE MOUNT LED LAMPS
KA-3528
KAA-3528
Package Dimensions


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AAA3528SURKSGC3.5 x 2.8mm SURFACE MOUNT LED LAMP 1 Kingbright Corporation
AAD3528PBC3.5 x 2.8mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA35283.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS 1 2 3 4 5 MoreKingbright Corporation
GH-S170SURFACE MOUNT LED LAMPS 1 2 3 List of Unclassifed Manufacturers
BL-HS134ESURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
GH-S133SURFACE MOUNT LED LAMPS 1 Yellow Stone Corp
BL-HS135ASURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
BL-HS136DSURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
LEM-54221TSURFACE MOUNT CHIP LED LAMPS 1 List of Unclassifed Manufacturers
BL-HB4KB34BSURFACE MOUNT DUAL COLOR LED LAMPS 1 Yellow Stone Corp

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn