Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KA-3528SRT Datasheet(Fiches technique) 3 Page - Kingbright Corporation

Numéro de pièce KA-3528SRT
Description  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528SRT Datasheet(HTML) 3 Page - Kingbright Corporation

  KA-3528SRT Datenblatt HTML 1Page - Kingbright Corporation KA-3528SRT Datenblatt HTML 2Page - Kingbright Corporation KA-3528SRT Datasheet HTML 3Page - Kingbright Corporation KA-3528SRT Datenblatt HTML 4Page - Kingbright Corporation KA-3528SRT Datenblatt HTML 5Page - Kingbright Corporation KA-3528SRT Datenblatt HTML 6Page - Kingbright Corporation KA-3528SRT Datenblatt HTML 7Page - Kingbright Corporation KA-3528SRT Datenblatt HTML 8Page - Kingbright Corporation KA-3528SRT Datenblatt HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1-KA-3528-3
Parameter
High
Efficiency
Red
Yellow
Super
Bright Red
Super
Bright
Green
Super
Bright
Yellow
Units
Power dissipation
105
105
100
105
125
mW
DC Forward Current
30
30
30
25
30
mA
Peak Forward Current [1]
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Absolute Maximum Ratings at T A=25°C
°C
°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width .
High Efficiency Red KA-3528EC, KA-3528IT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AAA3528SURKSGC3.5 x 2.8mm SURFACE MOUNT LED LAMP 1 Kingbright Corporation
AAD3528PBC3.5 x 2.8mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA35283.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS 1 2 3 4 5 MoreKingbright Corporation
GH-S170SURFACE MOUNT LED LAMPS 1 2 3 List of Unclassifed Manufacturers
BL-HS134ESURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
GH-S133SURFACE MOUNT LED LAMPS 1 Yellow Stone Corp
BL-HS135ASURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
BL-HS136DSURFACE MOUNT CHIP LED LAMPS 1 Yellow Stone Corp
LEM-54221TSURFACE MOUNT CHIP LED LAMPS 1 List of Unclassifed Manufacturers
BL-HB4KB34BSURFACE MOUNT DUAL COLOR LED LAMPS 1 Yellow Stone Corp

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn