Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KA-3528YC Fiches technique(PDF) 3 Page - Kingbright Corporation

No de pièce KA-3528YC
Description  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528YC Fiches technique(HTML) 3 Page - Kingbright Corporation

  KA-3528YC Datasheet HTML 1Page - Kingbright Corporation KA-3528YC Datasheet HTML 2Page - Kingbright Corporation KA-3528YC Datasheet HTML 3Page - Kingbright Corporation KA-3528YC Datasheet HTML 4Page - Kingbright Corporation KA-3528YC Datasheet HTML 5Page - Kingbright Corporation KA-3528YC Datasheet HTML 6Page - Kingbright Corporation KA-3528YC Datasheet HTML 7Page - Kingbright Corporation KA-3528YC Datasheet HTML 8Page - Kingbright Corporation KA-3528YC Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1-KA-3528-3
Parameter
High
Efficiency
Red
Yellow
Super
Bright Red
Super
Bright
Green
Super
Bright
Yellow
Units
Power dissipation
105
105
100
105
125
mW
DC Forward Current
30
30
30
25
30
mA
Peak Forward Current [1]
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Absolute Maximum Ratings at T A=25°C
°C
°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width .
High Efficiency Red KA-3528EC, KA-3528IT


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AAA3528SURKSGC 3.5 x 2.8mm SURFACE MOUNT LED LAMP 1  Kingbright Corporation
AAD3528PBC 3.5 x 2.8mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3528 3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS 1  2  3  4  5  More Kingbright Corporation
GH-S170 SURFACE MOUNT LED LAMPS 1  2  3  List of Unclassifed Manufacturers
BL-HS134E SURFACE MOUNT CHIP LED LAMPS 1  Yellow Stone Corp
GH-S133 SURFACE MOUNT LED LAMPS 1  Yellow Stone Corp
BL-HS135A SURFACE MOUNT CHIP LED LAMPS 1  Yellow Stone Corp
BL-HS136D SURFACE MOUNT CHIP LED LAMPS 1  Yellow Stone Corp
LEM-54221T SURFACE MOUNT CHIP LED LAMPS 1  List of Unclassifed Manufacturers
BL-HB4KB34B SURFACE MOUNT DUAL COLOR LED LAMPS 1  Yellow Stone Corp

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn