Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H.FL-R-SMT(C)(10) Fiches technique(PDF) 2 Page - Hirose Electric

No de pièce H.FL-R-SMT(C)(10)
Description  75 廓 Small Coaxial Connectors (SMT Low Profi le)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H.FL-R-SMT(C)(10) Fiches technique(HTML) 2 Page - Hirose Electric

  H.FL-R-SMT(C)(10) Datasheet HTML 1Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 2Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 3Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 4Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 5Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
H.FL75 Series75
Ω Small Coaxial Connectors (SMT Low Profile)
■Product Specifications
Ratings
Nominal characteristic impedance: 75 ø
Operating temperature range: -40ç to +90ç (RH 90% max.)
Voltage: AC 60 V rms
Storage temperature range: -30ç to +70ç (RH 90% max.)
Frequency range: DC to 3 GHz
Items
Specifications
Conditions
1. Contact resistance
Center:Maximum of 20 mø
Outer: Maximum of 10 mø
Measured with 10 mA max.
2. Insulation resistance
Minimum of 500 Mø
Measured with 250 VDC
3. Withstanding voltage
No flashover or insulation breakdown
AC 300 V / 1 minute.
4. V.S.W.R. (*)
Maximum of 1.25
DC to 1.5 GHz
Maximum of 1.5
1.5 to 3 GHz
5. Holding power of
female contact
Minimum of 0.15 N
Measured with
Ø0.475 pin gauge.
6. Total mating/
unmating force
Maximum of 30 N
Measured with applicable connector.
7. Durability (mating/
unmating with
corresponding plug)
Contact resistance
Center: Maximum of 25 mø
Outer: Maximum of 15 mø
50 mating cycles.
8. Vibration resistance
No electrical discontinuity for 1 µs or more.
No damaged, cracks or loose parts.
Frequency of 10 to 100 Hz, single amplitude of 1.5
mm, acceleration of 59 m/s2, for 5 cycles in each
of the 3 axes direction.
9. Shock resistance
No electrical discontinuity for 1 µs or more.
No damaged, cracked or loose parts.
Acceleration of 735 m/s2, for a duration of 11 ms,
sine half-wave waveform, 3 cycles in each of the 6
axes direction.
10. Humidity resistance
(Steady state)
No damaged, cracked or loose parts
Insulation resistance: 10 Mø min. (high humidity)
Insulation resistance: 500 Mø min. (dry)
96 hours at temperature of 40ç and humidity of
95% .
11. Temperature cycle
No damaged, cracked or loose parts.
Contact resistance
Center: Maximum of 25 mø
Outer: Maximum of 15 mø
Temperature: -40ç → +5 to +35ç → +90ç →
+5 to +35ç
Time: 30 → 5 max. → 30 → 5 max. (minutes)
5 Cycles
12. Salt spray
No excessive corrosion
5% salt water solution for 48 consecutive hours
*V.S.W.R. Measurement System
The above V.S.W.R. specification values were measured using the measurement system shown below.
■Materials
Part
Material
Finish
Remarks
Shell
Phosphor bronze
Silver plated
Male center contact
Brass
Gold plated
Female center contact
Phosphor bronze
Gold plated
Insulator
Plug
PBT Resin
Black
UL94V-0
Receptacle
LCP
Black
UL94V-0
Note 1: Cable type connectors were measured with BNC (75) conversion adapters
attached to both ends of the harness product of a suitable 10 cm cable.
Note 2: Board type connectors were mounted to a 75 ø glass epoxy board
and measurements were conducted with N (75) connectors attached.
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Port Cable
■Plug
75
6.5
[Plugs are only sold as cabled assemblies]


Numéro de pièce similaire - H.FL-R-SMT(C)(10)

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
H.FL-R-SMT HIROSE-H.FL-R-SMT Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
H.FL-R-SMT HIROSE-H.FL-R-SMT Datasheet
304Kb / 6P
   HRS H.FL SERIES
More results

Description similaire - H.FL-R-SMT(C)(10)

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Molex Electronics Ltd.
85349-0006 MOLEX-85349-0006 Datasheet
205Kb / 2P
   Low Profi le SMT Connector Front I/O - EMI proof
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com