Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H.FL75 Fiches technique(PDF) 5 Page - Hirose Electric

No de pièce H.FL75
Description  75 廓 Small Coaxial Connectors (SMT Low Profi le)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H.FL75 Fiches technique(HTML) 5 Page - Hirose Electric

  H.FL75 Datasheet HTML 1Page - Hirose Electric H.FL75 Datasheet HTML 2Page - Hirose Electric H.FL75 Datasheet HTML 3Page - Hirose Electric H.FL75 Datasheet HTML 4Page - Hirose Electric H.FL75 Datasheet HTML 5Page - Hirose Electric H.FL75 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
H.FL75 Series75
Ω Small Coaxial Connectors (SMT Low Profile)
BUsage Precautions
1
.Plugs
(1) Mating / un-mating
qTo disconnect the connector, insert the extraction tool (H.FL-LP-N) under
the connector flange. Pull in a perpendicular direction, or in the direction
of the connectors mating axis.
Do not un-mate the plug by pulling on the cable, this can damage the
connector and alter its performance.
wTo mate the connector, align the mating axes between the receptacle
and cable assembly, and insert the cable assembly downward and
perpendicular into the receptacle.
Do not insert the cable assembly at a slanted angle.
(2) Allowable load to a cable when
mated.
After the connector has been mated, prevent excessive force being
placed onto the cable. Please reference the tolerances listed below.
Maximum
of 5 N
H.FL-LP*
H.FL-R-SMT
Maximum
of 3 N
Maximum
of 3 N
(3) Precautions
Do not use excessive prying forces to mate or un-mate these connectors, failure
to follow this precaution can lead to the connector becoming damaged.
2. Receptacles
(1) Recommended reflow
temperature profile[reference]
Reflow temperature profile (reference)
qThe temperatures indicated are the surface temperatures of the
printed circuit board near the terminal contact points.
wReflow soldering should be performed at a peak temperature of
250ç or less at the surface of the printed circuit board.
eTemperature profiles may vary due to external mounting conditions;
conditions such as solder paste types, manufacturer, PCB size and
any other soldering materials may alter the performance of such
materials.
(2) Recommended manual
soldering [reference]
Soldering iron temperature: 350ç, soldering time: Maximum of 5
seconds.
(3) Recommended metal mask thickness
0.1 to 0.15 mm
(4) Reflow cycles
Maximum of 2 cycles
3
.Operating Environment and Storage Conditions
(1) Operating environment
This product was designed on the assumption that it will be used in a
normal environment.
Please be advised that using these connectors in certain environments
may lead to discoloration or other types of degradation.
Exposed to a excessive amounts of fine particles and dust
Regions and places having a high density of sulfur dioxide, hydrogen
sulfide, nitrogen dioxide or other corrosive gasses. (e.g., exhaust gas
from automobiles or factories)
Environments that experience large changes in temperatures, such as
locations near a heater.
(2) Storage conditions
Store the product in Hirose Electric's packaging or similar packaging conditions.
Temperature: -10 to +40ç, humidity: 85% or less (recommended storage
conditions)
We recommend that this product be consumed within six months from delivery.
For products that have been stored and the storage period has expired, they
need to be tested for solderability before use.
80
100
120
140
160
180
200
220
240
ç
260
230ç
220ç
Maximum of 120 seconds
Time
Maximum of 50 seconds
Peak temperature
250ç, 10 seconds
Maximum of 60 seconds


Numéro de pièce similaire - H.FL75

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
H.FL HIROSE-H.FL Datasheet
304Kb / 6P
   HRS H.FL SERIES
H.FL-1 HIROSE-H.FL-1 Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
H.FL-DFS111A HIROSE-H.FL-DFS111A Datasheet
253Kb / 24P
   Others, machine tools and jigs
H.FL-DFS111A/CR-AD HIROSE-H.FL-DFS111A/CR-AD Datasheet
253Kb / 24P
   Others, machine tools and jigs
H.FL-LP-1.25S HIROSE-H.FL-LP-1.25S Datasheet
304Kb / 6P
   HRS H.FL SERIES
More results

Description similaire - H.FL75

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Molex Electronics Ltd.
85349-0006 MOLEX-85349-0006 Datasheet
205Kb / 2P
   Low Profi le SMT Connector Front I/O - EMI proof
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com