Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1415075-1 Fiches technique(PDF) 3 Page - TE Connectivity Ltd

No de pièce 3-1415075-1
Description  Mechanical and electrical indicator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1415075-1 Fiches technique(HTML) 3 Page - TE Connectivity Ltd

  3-1415075-1 Datasheet HTML 1Page - TE Connectivity Ltd 3-1415075-1 Datasheet HTML 2Page - TE Connectivity Ltd 3-1415075-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
Product code
Socket
Retainer
Marking tag
Module
Relay
Coil
Part Number
PT2S7LB2
PT78720
PT17016
PT17040
PTML0024
PT270012
12VDC
7-1415074-1
PT2S7LC4
PT270024
24VDC
8-1415074-1
PT2S7RC4
PTMV0524
PT270R24
24VAC
5-1418074-1
PT2S7SB5
PTMV0615
PT270S15
115VAC
2-1415366-1
PT2S7TD0
PTMV0730
PT270T30
230VAC
6-1415074-1
PT3S7LB2
PT78730
PTML0024
PT370012
12VDC
1-1415075-1
PT3S7LC4
PT370024
24VDC
2-1415075-1
PT3S7RC4
PTMV0524
PT370R24
24VAC
9-1415074-1
PT3S7SB5
PTMV0615
PT370S15
115VAC
1-1415366-1
PT3S7TD0
PTMV0730
PT370T30
230VAC
1415075-1
PT5S7LB2
PT78740
PTML0024
PT570012
12VDC
9-1415075-1
PT5S7LC4
PT570024
24VDC
1415076-1
PT5S7RC4
PTMV0524
PT570R24
24VAC
7-1415075-1
PT5S7SB5
PTMV0615
PT570S15
115VAC
1415366-1
PT5S7TD0
PTMV0730
PT570T30
230VAC
8-1415075-1
PT5S8LB2
PTML0024
PT580012
12VDC
5-1415075-1
PT5S8LC4
PT580024
24VDC
6-1415075-1
PT5S8RC4
PTMV0524
PT580R24
24VAC
3-1415075-1
PT5S8TD0
PTMV0730
PT580T30
230VAC
4-1415075-1
PT2L7LB2
PT78722
PT17021
PTML0024
PT270012
12VDC
8-1415534-7
PT2L7LC4
PT270024
24VDC
8-1415534-9
PT2L7RC4
PTMV0524
PT270R24
24VAC
9-1415534-0
PT2L7SB5
PTMV0615
PT270S15
115VAC
9-1415534-2
PT2L7TD0
PTMV0730
PT270T30
230VAC
9-1415534-4
PT5L7LB2
PT78742
PTML0024
PT570012
12VDC
1415535-7
PT5L7LC4
PT570024
24VDC
1415535-9
PT5L7RC4
PTMV0524
PT570R24
24VAC
1-1415535-1
PT5L7SB5
PTMV0615
PT570S15
115VAC
1-1415535-3
PT5L7TD0
PTMV0730
PT570T30
230VAC
1-1415535-5
PT5L8LB2
PTML0024
PT580012
12VDC
1-1415535-7
PT5L8LC4
PT580024
24VDC
1-1415535-8
PT5L8RC4
PTMV0524
PT580R24
24VAC
1-1415535-9
PT5L8TD0
PTMV0730
PT580T30
230VAC
2-1415535-0
Product code structure
Typical product code
PT
5L
8
LC4
Type
PT Relay Package PT
Version
2S Relay set: PT 2-pole CO contacts (2 form C), red LED
3S Relay set: PT 3-pole CO contacts (3 form C), red LED
5S Relay set: PT 4-pole CO contacts (4 form C), red LED
2L Relay set: PT 2-pole CO contacts (2 form C), red LED, with logical arrangement of control / load terminals
5L Relay set: PT 4-pole CO contacts (4 form C), red LED, with logical arrangement of control / load terminals
Contact material
7
AgNi 90/10, with test button
8 AgNi 90/10 gold plated, with test button
Coil
LB2 12 VDC
LC4
24 VDC
RC4 24 VAC
SB5
115 VAC
TD0 230 VAC
General Purpose Relays
Product Sets
Relay Package PT (Continued)
Other types on request


Numéro de pièce similaire - 3-1415075-1

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
3-1415001-2 MACOM-3-1415001-2 Datasheet
315Kb / 4P
   Power Relay F7
logo
TE Connectivity Ltd
3-1415001-2 TEC-3-1415001-2 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
3-1415001-2 TEC-3-1415001-2 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
3-1415002-1 TEC-3-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
3-1415006-1 TEC-3-1415006-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Description similaire - 3-1415075-1

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
logo
TE Connectivity Ltd
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
logo
MERITEK ELECTRONICS COR...
CR MERITEK-CR Datasheet
298Kb / 7P
   Excellent mechanical strength and electrical stability
logo
Motorola, Inc
MC143120B1 MOTOROLA-MC143120B1 Datasheet
685Kb / 16P
   NEURON CHIP ELECTRICAL AND MECHANICAL SPECIFICATIONS
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com