Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N.P-S.J(40) Fiches technique(PDF) 5 Page - Hirose Electric

No de pièce N.P-S.J(40)
Description  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N.P-S.J(40) Fiches technique(HTML) 5 Page - Hirose Electric

  N.P-S.J(40) Datasheet HTML 1Page - Hirose Electric N.P-S.J(40) Datasheet HTML 2Page - Hirose Electric N.P-S.J(40) Datasheet HTML 3Page - Hirose Electric N.P-S.J(40) Datasheet HTML 4Page - Hirose Electric N.P-S.J(40) Datasheet HTML 5Page - Hirose Electric N.P-S.J(40) Datasheet HTML 6Page - Hirose Electric N.P-S.J(40) Datasheet HTML 7Page - Hirose Electric N.P-S.J(40) Datasheet HTML 8Page - Hirose Electric N.P-S.J(40) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
N Series
N type Coaxial Connectors
■Straight plug(waterproof type)
■Straight jack(waterproof type)
21HEX
スパナ幅16
Spanner width 16
L
Spanner width 16
Spanner width 18
5/8-24UNF-2A
L
* IP67 compliant
* IP67 compliant
1
49.1
51.9
Packaging
Part No.
HRS No.
Applicable cable
N-J-5DFXL(40)
N-J-8DGXC(40)
301-0237-0 40
301-0229-2 40
5D-FXL
8D-GXC
ØD
8.6
11.6
18
19.5
Ød
L
Unit : mm
1
47.2
49.9
Packaging
Part No.
HRS No.
Applicable cable
N-P-5DFXL(41)
N-P-8DGXC(40)
301-0235-5 41
301-0228-0 40
5D-FXL
8D-GXC
ØD
8.6
11.6
18
19.5
Ød
L
Unit : mm


Numéro de pièce similaire - N.P-S.J(40)

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
N.P-S.J ETC2-N.P-S.J Datasheet
443Kb / 12P
   Converter adapter list
More results

Description similaire - N.P-S.J(40)

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com