Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA6J16CA Fiches technique(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

No de pièce SMA6J16CA
Description  Glass passivated junction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Site Internet  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMA6J16CA Fiches technique(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMA6J16CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J16CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J16CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J16CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMA6J16CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
SMA6J Series
600W Surface Mount
Transient Voltage Suppressors
Features
l
Peak power dissipation 600W @10 x 1000 us Pulse
l
Low profile package.
l
Excellent clamping capability.
l
Glass passivated junction.
l
Fast response time: typically less than 1ps from 0 Volts to BV min
l
Typical IR less than 1uA when VBR min above 12V.
l
IEC 61000-4-2 ESD 30KV(Air), 30KV(Contact)
l
ESD protection of data lines in accordance with IEC 61000-4-2
l
EFT protection of data lines in accordance with IEC 61000-4-4
l
Halogen free and RoHS compliant
l
Lead-free finish
Mechanical Characteristics
l
CASE: SMA (DO-214AC) Molded Plastic over glass passivated junction.
l
Mounting Position: Any
l
Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device.
l
Terminal: Solder plated
Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform (Note 1, 2, FIG.1)
PPPM
Min 600
W
Power Dissipation on Infinite Heat Sink at TL=50°C
PD
3.3
W
Peak Pulse Current of on 10/1000us Waveform (Note 1, FIG.3)
IPPM
See Table 1
A
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave (Note 2. 3)
IFSM
60
A
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2. Mounted on 5.0x5.0mm
2 (0.03mm thick) Copper Pads to each terminal.
3. Measured on 8.3ms single half sine-wave, or equivalent square wave, for Unidirectional device only.
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
SMA
Bi-directional
Uni-directional
Cathode
Anode


Numéro de pièce similaire - SMA6J16CA

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMA6J16CA SECOS-SMA6J16CA Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMA6J16CA SECOS-SMA6J16CA Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
logo
Anova Technologies CO.,...
SMA6J16CA ANOVA-SMA6J16CA Datasheet
274Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMA6J16CA LUGUANG-SMA6J16CA Datasheet
818Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Bourns Electronic Solut...
SMA6J16CA BOURNS-SMA6J16CA Datasheet
159Kb / 6P
   SMA6J Transient Voltage Suppressor Diode Series
REV. 7/21
More results

Description similaire - SMA6J16CA

FabricantNo de pièceFiches techniqueDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com