Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ400C Fiches technique(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

No de pièce SMAJ400C
Description  Excellent clamping capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Site Internet  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMAJ400C Fiches technique(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMAJ400C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ400C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ400C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ400C Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ400C Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ400C Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
SMAJ5.0 --- SMAJ440CA
400W Surface Mount
Transient Voltage
Suppressors
Features
Working peak reverse voltage range – 5.0V to 440V.
Peak power dissipation 400W @10 x 1000 us Pulse
Low profile package.
Excellent clamping capability.
Glass passivated junction.
Fast response time: typically less than 1 ns for Uni-direction.
Less than 5 ns for Bi-direction, from 0 Volts to BV min
Typical IR less than 1uA
above 10V.
Plastic material has UL flammability classification 94V-O
RoHS compliant in lead-free versions
Mechanical Characteristics
CASE: Void-free, JEDEC DO-214AC Molded Plastic over glass passivated junction..
Mounting Position: Any
Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform
(Note 1, 2, FIG.1)
PPPM
Min 400
W
Peak Pulse Current of on 10/1000us Waveform
(Note 1, FIG.3)
IPPM
See Table 1
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on
Rated Load, (JEDEC Method)
(Note 2. 3)
IFSM
40
Amps
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2. Mounted on 5.0mm
2 (0.03mm thick) Copper Pads to each terminal.
3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle=4 pluses per minute maximum.
WW W.SEM ITECH.CN


Numéro de pièce similaire - SMAJ400C

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
SMAJ400C FORMOSA-SMAJ400C Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ400C DYELEC-SMAJ400C Datasheet
530Kb / 5P
   Excellent clamping capability
logo
Zibo Seno Electronic En...
SMAJ400C ZSELEC-SMAJ400C Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
AiT Semiconductor Inc.
SMAJ400C AITSEMI-SMAJ400C Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
HuaXinAn Electronics CO...
SMAJ400CA HUAXINAN-SMAJ400CA Datasheet
469Kb / 6P
   400W Transient Voltage Suppressors
More results

Description similaire - SMAJ400C

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com