Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ350CA Fiches technique(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

No de pièce SMAJ350CA
Description  Excellent clamping capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Site Internet  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMAJ350CA Fiches technique(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMAJ350CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ350CA Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMAJ5.0 --- SMAJ440CA
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ5.0
SMAJ5.0A
SMAJ6.0
SMAJ6.0A
SMAJ5.0C
SMAJ5.0CA
SMAJ6.0C
SMAJ6.0CA
HD
HE
HF
HG
TD
TE
TF
TG
5.0
5.0
6.0
6.0
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10.0
10.0
10.0
10.0
9.6
9.2
11.4
10.3
41.7
43.5
35.1
38.8
800.0
800.0
800.0
800.0
SMAJ6.5
SMAJ6.5A
SMAJ7.0
SMAJ7.0A
SMAJ6.5C
SMAJ6.5CA
SMAJ7.0C
SMAJ7.0CA
HH
HK
HL
HM
TH
TK
TL
TM
6.5
6.5
7.0
7.0
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10.0
10.0
10.0
10.0
12.3
11.2
13.3
12.0
32.5
35.7
30.1
33.3
500.0
500.0
200.0
200.0
SMAJ7.5
SMAJ7.5A
SMAJ8.0
SMAJ8.0A
SMAJ7.5C
SMAJ7.5CA
SMAJ8.0C
SMAJ8.0CA
HN
HP
HQ
HR
TN
TP
TQ
TR
7.5
7.5
8.0
8.0
8.33
8.33
8.89
8.89
10.67
9.58
11.3
10.23
1.0
1.0
1.0
1.0
14.3
12.9
15.0
13.6
28.0
31.0
26.7
29.4
100.0
100.0
50.0
50.0
SMAJ8.5
SMAJ8.5A
SMAJ9.0
SMAJ9.0A
SMAJ8.5C
SMAJ8.5CA
SMAJ9.0C
SMAJ9.0CA
HS
HT
HU
HV
TS
TT
TU
TV
8.5
8.5
9.0
9.0
9.44
9.44
10.0
10.0
11.92
10.82
12.6
11.5
1.0
1.0
1.0
1.0
15.9
14.4
16.9
15.4
25.2
27.8
23.7
26.0
20.0
20.0
10.0
10.0
SMAJ10
SMAJ10A
SMAJ11
SMAJ11A
SMAJ10C
SMAJ10CA
SMAJ11C
SMAJ11CA
HW
HX
HY
HZ
TW
TX
TY
TZ
10
10
11
11
11.1
11.1
12.2
12.2
14.1
12.8
15.4
14.0
1.0
1.0
1.0
1.0
18.8
17.0
20.1
18.2
21.3
23.5
19.9
22.0
5.0
5.0
5.0
5.0
SMAJ12
SMAJ12A
SMAJ13
SMAJ13A
SMAJ12C
SMAJ12CA
SMAJ13C
SMAJ13CA
ID
IE
IF
IG
UD
UE
UF
UG
12
12
13
13
13.3
13.3
14.4
14.4
16.9
15.3
18.2
16.5
1.0
1.0
1.0
1.0
22.0
19.9
23.8
21.5
18.2
20.1
16.8
18.6
5.0
5.0
5.0
5.0
SMAJ14
SMAJ14A
SMAJ15
SMAJ15A
SMAJ14C
SMAJ14CA
SMAJ15C
SMAJ15CA
IH
IK
IL
IM
UH
UK
UL
UM
14
14
15
15
15.6
15.6
16.7
16.7
19.8
17.9
21.1
19.2
1.0
1.0
1.0
1.0
25.8
23.2
26.9
24.4
15.5
17.2
14.9
16.4
5.0
5.0
5.0
5.0
SMAJ16
SMAJ16A
SMAJ17
SMAJ17A
SMAJ16C
SMAJ16CA
SMAJ17C
SMAJ17CA
IN
IP
IQ
IR
UN
UP
UQ
UR
16
16
17
17
17.8
17.8
18.9
18.9
22.6
20.5
23.9
21.7
1.0
1.0
1.0
1.0
28.8
26.0
30.5
27.6
13.9
15.4
13.1
14.5
5.0
5.0
5.0
5.0
SMAJ18
SMAJ18A
SMAJ20
SMAJ20A
SMAJ18C
SMAJ18CA
SMAJ20C
SMAJ20CA
IS
IT
IU
IV
US
UT
UU
UV
18
18
20
20
20.0
20.0
22.2
22.2
25.3
23.3
28.1
25.5
1.0
1.0
1.0
1.0
32.2
29.2
35.8
32.4
12.4
13.7
11.2
12.3
5.0
5.0
5.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WW W.SEM ITECH.CN


Numéro de pièce similaire - SMAJ350CA

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SMAJ350CA LITTELFUSE-SMAJ350CA Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
AiT Semiconductor Inc.
SMAJ350CA AITSEMI-SMAJ350CA Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
StarHope
SMAJ350CA SPSEMI-SMAJ350CA Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
SeCoS Halbleitertechnol...
SMAJ350CA SECOS-SMAJ350CA Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
logo
MDE Semiconductor, Inc.
SMAJ350CA MDE-SMAJ350CA Datasheet
111Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - SMAJ350CA

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com