Moteur de recherche de fiches techniques de composants électroniques |
|
8-1393211-6 Fiches technique(PDF) 3 Page - TE Connectivity Ltd |
|
8-1393211-6 Fiches technique(HTML) 3 Page - TE Connectivity Ltd |
3 / 4 page 3 11-2012, Rev. 1112 www.te.com © 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Catalog and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Catalog and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Catalog product data, ‘Definitions’ section, application notes and all specifications are subject to change. Potter & Brumfield General Purpose High Power PCB Relays T92 Series Two-pole 30A PCB or Panel Mount Relay (Continued) Potter & Brumfield Terminal assignment Bottom view on pins 2 form A 2 form C Product code structure Typical product code T92 S 11 D 2 2 -24 Type T92 Printed circuit board / panel mount power relay T92 Enclosure P Dust protected plastic case S Wash-tight, tape sealed, plastic case (Mounting and termination code 1) Top sealed, not wash-tight, not tape sealed on bottom (Mounting and termination codes 2, 3 & 4) Contact arrangement 7 2 form A (2 NO) 11 2 form C (2 CO) Coil Input A AC voltage, 60Hz or 50/60 Hz (consult coil versions table) D DC voltage Mounting and termination 1 Printed circuit board mount; printed circuit board terminals. 2 Panel mount via flanged cover; .250” (6.35mm) x .032” (.81mm) QC terminal 3 Panel mount via flanged cover; .187” (4.75mm) x .032” (.81mm) QC terminals for coil and .250” (6.35mm) for contacts 4 Panel mount via flanged cover, .187” (4.75mm) x .020” (.51mm) QC terminals for coil and .250” (6.35mm) for contacts. 5 Panel mount via flanged cover, M4 screws w/ captive pressure plates. Requires Enclosure P and Contact arrangement 7. Contact material 2 AgCdO 4 AgSnOInO Coil voltage Coil code: please refer to coil versions table Dimensions T92 – Mounting and termination code 5 PCB layout Bottom view on pins T92 - Mounting and termination code 1 An alternate PC board layout utilizes .076 ± .003 (1.93 ± .076) diameter holes on the same center-to-center spacing shown above. Use of the rectangular holes is recommended for improved solderability. Only necessary terminals are present on single throw models. Consequently, some holes will be unnecessary for single throw models. 2.700 MAX. (68.58) 2.135 MAX. (54.23) 2.345 ± .005 (59.56 ± .13) .913 MAX. (23.19) 2.010 MAX. (51.05) 1.431 MAX. (36.34) 1.36 MAX. (34.54) .090 (2.29) RAD. FOR #8 SCREW 2 6 4 8 0 1 2 6 3 4 7 8 0 1 1.618 (41.10) .585 (14.86) .309 (7.85) .630 (16.00) .203 TYP. (5.16) .052 TYP. (1.32) .072 TYP. (1.83) 1.000 (25.40) .162 (4.12) .365 (9.27) .185 (4.70) |
Numéro de pièce similaire - 8-1393211-6 |
|
Description similaire - 8-1393211-6 |