Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7-1393146-8 Fiches technique(PDF) 4 Page - TE Connectivity Ltd

No de pièce 7-1393146-8
Description  Plug-in version, PCB terminals, chassis or DIN rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393146-8 Fiches technique(HTML) 4 Page - TE Connectivity Ltd

  7-1393146-8 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393146-8 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393146-8 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393146-8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM 5/6/B 3mm (Continued)
Product key
Contacts
Cont. material
Version
Enclosure
Coil
Coil
Part number
RM502024
2 form A,
AgCdO
Without
Plain cover
DC coil
24VDC
6-1393146-1
RM502524
2 NO contacts
AgCdO
test button
QC 4.8mm
AC coil
24VAC
6-1393146-2
RM502615
16A
AgCdO
without
115VAC
6-1393146-3
RM502730
AgCdO
mech. indicator
230VAC
6-1393146-4
RM503024
AgCdO
Mounting brackets
DC coil
24VDC
8-1393148-0
RM503615
AgCdO
quick c. 4.8mm
AC coil
115VAC
6-1393146-5
RM505024
AgCdO
Mounting brackets
DC coil
24VDC
8-1393148-3
RM525012
AgNi
Mounting brackets
DC coil
12VDC
5-1415544-6
RM505615
AgCdO
QC 6.3mm
AC coil
115VAC
6-1393146-6
RM505730
AgCdO
230VAC
9-1393149-9
RM507024
AgCdO
PCB version
DC coil
24VDC
1393844-1
RM507524
AgCdO
AC coil
24VAC
5-1415008-1
RM507615
AgCdO
115VAC
6-1415015-1
RM507730
AgCdO
230VAC
1415008-1
RM535024
AgCdO
With test button
Mounting brackets
DC coil
24VDC
7-1393146-2
RM535524
AgCdO
w/o mech.indicator
QC 6.3mm
AC coil
24VAC
9-1393148-0
RM602024
3 form A,
AgCdO
Without
Plain cover
DC coil
24VDC
1393844-4
RM602615
3 NO contacts
AgCdO
test button
QC 4.8mm
AC coil
115VAC
9-1393148-7
RM605730
10A
AgCdO
without
Mount.br. q.c.6.3
230VAC
7-1393146-6
RM607024
AgCdO
mech. indicator
PCB version
DC coil
24VDC
1393844-6
RM607524
AgCdO
AC coil
24VAC
7-1393146-8
RM607615
AgCdO
115VAC
8-1415015-1
RM607730
AgCdO
230VAC
7-1393146-9
RM632024
AgCdO
With
Plain cover
DC coil
24VDC
8-1393146-0
RM632730
AgCdO
test button
QC 4.8mm
AC coil
230VAC
1393149-7
RM635024
AgCdO
without
Mount.br.QC 6.3
DC coil
24VDC
7-1393107-7
RM637024
AgCdO
mech. indicator
PCB version
24VDC
1393149-9
RMB07024
3 A (NO) cont. 16A
AgCdO
W/o test, indicator
24VDC
2-1415543-7
RMB07012
3 A (NO) cont. 16A
AgCdO
W/o test, indicator
12VDC
1-1415545-6


Numéro de pièce similaire - 7-1393146-8

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
7-1393146-8 TEC-7-1393146-8 Datasheet
363Kb / 4P
   General Purpose
More results

Description similaire - 7-1393146-8

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
RM2 TEC-RM2 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
   DIN Rail, Panel Mount or Wall Mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
   Panel mount or 35mm Din Rail (EN50022)
logo
TE Connectivity Ltd
KUKUP TEC-KUKUP Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
logo
Schurter Inc.
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
   , 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com