Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A1-50PA-2.54DSA Fiches technique(PDF) 5 Page - Hirose Electric

No de pièce A1-50PA-2.54DSA
Description  2.54mm Pitch High Density Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A1-50PA-2.54DSA Fiches technique(HTML) 5 Page - Hirose Electric

  A1-50PA-2.54DSA Datasheet HTML 1Page - Hirose Electric A1-50PA-2.54DSA Datasheet HTML 2Page - Hirose Electric A1-50PA-2.54DSA Datasheet HTML 3Page - Hirose Electric A1-50PA-2.54DSA Datasheet HTML 4Page - Hirose Electric A1-50PA-2.54DSA Datasheet HTML 5Page - Hirose Electric A1-50PA-2.54DSA Datasheet HTML 6Page - Hirose Electric A1-50PA-2.54DSA Datasheet HTML 7Page - Hirose Electric A1-50PA-2.54DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C6
A1 and A2 Series
2.54mm Pitch High Density Connector
■ A2 (Single Row)-DIP Type
Part Number
A2-01PA-2.54DSA(71)
A2-02PA-2.54DSA(71)
A2-03PA-2.54DSA(71)
A2-04PA-2.54DSA(71)
A2-05PA-2.54DSA(71)
A2-06PA-2.54DSA(71)
A2-07PA-2.54DSA(71)
A2-08PA-2.54DSA(71)
A2-09PA-2.54DSA(71)
A2-10PA-2.54DSA(71)
A2-11PA-2.54DSA(71)
A2-12PA-2.54DSA(71)
A2-13PA-2.54DSA(71)
A2-14PA-2.54DSA(71)
A2-15PA-2.54DSA(71)
A2-16PA-2.54DSA(71)
A2-17PA-2.54DSA(71)
A2-18PA-2.54DSA(71)
A2-19PA-2.54DSA(71)
A2-20PA-2.54DSA(71)
CL No.
620-0051-5-71
620-0052-8-71
620-0053-0-71
620-0054-3-71
620-0055-6-71
620-0056-9-71
620-0057-1-71
620-0058-4-71
620-0059-7-71
620-0060-6-71
620-0061-9-71
620-0062-1-71
620-0063-4-71
620-0064-7-71
620-0065-0-71
620-0066-2-71
620-0067-5-71
620-0068-8-71
620-0069-0-71
620-0070-0-71
Number of Contacts
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
02.54
05.08
07.62
10.16
12.70
15.24
17.78
20.30
22.86
25.40
27.94
30.48
33.02
35.56
38.10
40.64
43.18
45.72
48.26
YES
B
RoHS
02.24
04.78
07.32
09.86
12.40
14.94
17.48
20.02
22.56
25.10
27.64
30.18
32.72
35.26
37.80
40.34
42.88
45.42
47.96
50.50
K Straight type
Part Number
A2-01PA-2.54DS(71)
A2-02PA-2.54DS(71)
A2-03PA-2.54DS(71)
A2-04PA-2.54DS(71)
A2-05PA-2.54DS(71)
A2-06PA-2.54DS(71)
A2-07PA-2.54DS(71)
A2-08PA-2.54DS(71)
A2-09PA-2.54DS(71)
A2-10PA-2.54DS(71)
A2-11PA-2.54DS(71)
A2-12PA-2.54DS(71)
A2-13PA-2.54DS(71)
A2-14PA-2.54DS(71)
A2-15PA-2.54DS(71)
A2-16PA-2.54DS(71)
A2-17PA-2.54DS(71)
A2-18PA-2.54DS(71)
A2-19PA-2.54DS(71)
A2-20PA-2.54DS(71)
CL No.
620-0001-7-71
620-0002-0-71
620-0003-2-71
620-0004-5-71
620-0005-8-71
620-0006-0-71
620-0007-3-71
620-0008-6-71
620-0009-9-71
620-0010-8-71
620-0011-0-71
620-0012-3-71
620-0013-6-71
620-0014-9-71
620-0015-1-71
620-0016-4-71
620-0017-7-71
620-0018-0-71
620-0019-2-71
620-0020-1-71
Number of Contacts
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
B
RoHS
02.24
04.78
07.32
09.86
12.40
14.94
17.48
20.02
22.56
25.10
27.64
30.18
32.72
35.26
37.80
40.34
42.88
45.42
47.96
50.50
02.54
05.08
07.62
10.16
12.70
15.24
17.78
20.30
22.86
25.40
27.94
30.48
33.02
35.56
38.10
40.64
43.18
45.72
48.26
YES
K Right angle type
K Straight type
K Right angle type
Unit: mm
Unit: mm
BPCB mounting pattern
2.54±0.05
B±0.1
Ø0.8
+0.1
0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Numéro de pièce similaire - A1-50PA-2.54DSA

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
A1-50PA-2.54DSA HIROSE-A1-50PA-2.54DSA Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
More results

Description similaire - A1-50PA-2.54DSA

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
A1-06PA-2.54DS HIROSE-A1-06PA-2.54DS Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
   HIGH-DENSITY I/O CONNECTOR
logo
Adam Technologies, Inc.
HMCA-B-184-G-SMT ADAM-TECH-HMCA-B-184-G-SMT Datasheet
109Kb / 1P
   HIGH DENSITY CARD EDGE CONNECTOR
logo
DDK Ltd.
17AE DDK-17AE Datasheet
273Kb / 7P
   High Density D-Subminiature Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
   High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Molex Electronics Ltd.
30968-1129 MOLEX11-30968-1129 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com