Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1362 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SD1362
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1362 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1362 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1362 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2SD1362
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 30mA; IB= 0
80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.4A
0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A; IB= 0.4A
1.4
V
ICBO
Collector Cutoff Current
VCB= 100V ; IE= 0
5
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5
μ
A
hFE-1
DC Current Gain
IC= 1A; VCE= 1V
70
240
hFE-2
DC Current Gain
IC= 4A; VCE= 1V
30
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
250
pF
fT
Current-Gain—Bandwidth Product
IC= 1A; VCE= 4V
10
MHz
Switching Times
ton
Turn-on Time
VCC= 30V, RL= 10Ω,
IB1= -IB2= 0.3A,
0.4
μ
s
tstg
Storage Time
2.5
μ
s
tf
Fall Time
0.5
μ
s
hFE-1 Classifications
O
Y
70-140
120-240


Numéro de pièce similaire - 2SD1362

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SD1360 ISC-2SD1360 Datasheet
261Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1361 ISC-2SD1361 Datasheet
260Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Toshiba Semiconductor
2SD1363 TOSHIBA-2SD1363 Datasheet
276Kb / 3P
   HIGH CURRENT SWITCHING APPLICATIONS.. POWER AMPLIFIER APPLICATIONS.
logo
Inchange Semiconductor ...
2SD1365 ISC-2SD1365 Datasheet
269Kb / 2P
   isc Silicon NPN Power Transistor
logo
Hitachi Semiconductor
2SD1366 HITACHI-2SD1366 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial
More results

Description similaire - 2SD1362

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com