Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9-1393113-7 Fiches technique(PDF) 2 Page - TE Connectivity Ltd

No de pièce 9-1393113-7
Description  Magnetic blow-out
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1393113-7 Fiches technique(HTML) 2 Page - TE Connectivity Ltd

  9-1393113-7 Datasheet HTML 1Page - TE Connectivity Ltd 9-1393113-7 Datasheet HTML 2Page - TE Connectivity Ltd 9-1393113-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
Industrial Relays
KUEP Series Panel Plug-in Relay (Continued)
12-2016, Rev. 1216
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Other Data (Continued)
Weight
85g
Packaging/unit
tray/25 pcs., box/150pcs.
Accessories
For details see datasheet
Sockets and Accessories, KUP Relays
Product Code Description
27E893
DIN socket (use 20C318 clip)
27E121
Track mount socket (use 20C314 clips)
27E043
Chassis mount/solder eyelet socket (use 20C254 clip)
27E046
Chassis mount/PCB socket (use 20C254 clip)
27E067
Chassis mount/quick connect socket (use 20C254 clip)
27E396
Snap-in/quick connect socket (use 20C254 clip)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
-45ºC to 70ºC
AC coil
1 pole: -45ºC to 55ºC
2 pole: -45ºC to 45ºC
Category of environmental protection
IEC 61810
RTI - dust protected
Vibration resistance (functional)
.065” double amplitude, 10-55Hz
Shock resistance (functional)
15g, 11ms (non-operating)
Terminal type
Quick connects (QC), .187 or .205
PCB-THT
Terminal retention, push force
QC .205
17 lbs for 3s
QC .187
25 lbs for 3s
Dimensions
Plain case
Bracket mount case
X
X
X
X
1.906 MAX.
(48.41)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
1.406 MAX.
(35.71)
1
2
3
4
5
6
7
8
9
AB
1.518 MAX.
(38.56)
1.373 ± .010
(34.87 ± .25)
1.713 ± .0 03
(43.51 ± .08)
1.989 ± .0 03
(50.52)
.178TYP.
(4.52)
2.248 MAX.
(57.10)
.078 TYP.
(1.98)
1.906 MAX.
(48.41)
.75
(19.1)
2.90 MAX.
(73.7)
.078 R.TYP.
(1.98)
X
1.531 MAX.
(38.89)
.312
TYP.
(7.92)
.375
(9.53)
.437
(11.10)
X
2.500
(63.50)
X
.625 TYP.
(15.88)
.06
(1.52)
1.406 MAX.
(35.71)
.07
(1.8)
Terminal dimensions
4.75mm (.187) quick connect
5.21mm (.205) quick connect
1.19mm (.047) printed circuit
.205± .002
(5.21± .05)
.156
(3.96)
.093
(2.36)
.285
(7.24)
.316 REF.
(8.03)
.032
(.81)
THICKNESS
HEADER
.035
(.89)
.156
(3.96)
.032
(.81)
THICKNESS
.093
(2.36)
HEADER
.237
(6.02)
.268 REF.
(6.81)
.047
(1.19)
.180
(4.57)
.156
(3.96)
X Is For Terminal Dimensions.
See Teminal Drawings.
Top flange case
Core / stud mount case
1.906 MAX.
(48.41)
X
1.43 MAX.
(36.27)
.437 .010
(11.10 .25)
.130
(3.30)
1.74 MAX.
(44.2)
.312
(7.92)
STUD with
#6-32 THREAD
or CORE TAPPED
#6-32
1.29 (32.8) MAX. W/ .205 (5.21) QC
1.25 (31.8) MAX. W/ .187 (4.75) QC
.125
(3.18)
.078
(1.98)
.187±.002
(4.75±.05)
.250
(6.35)
281 REF.
(7.14)
THICKNESS
.020
(.51)
HEADER


Numéro de pièce similaire - 9-1393113-7

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
9-1393114-0 TEC-9-1393114-0 Datasheet
317Kb / 3P
   Side flange and top flange mounting
9-1393114-1 TEC-9-1393114-1 Datasheet
317Kb / 3P
   Side flange and top flange mounting
9-1393116-0 TEC-9-1393116-0 Datasheet
467Kb / 4P
   Optional indicator lamp and push-to-test button
9-1393116-1 TEC-9-1393116-1 Datasheet
467Kb / 4P
   Optional indicator lamp and push-to-test button
9-1393117-0 TEC-9-1393117-0 Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
More results

Description similaire - 9-1393113-7

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
XKMA992 SCHNEIDER-XKMA992 Datasheet
113Kb / 2P
   contact block - magnetic contact blow-out - compatible with XKM
Feb 10, 2022
XKMA991 SCHNEIDER-XKMA991 Datasheet
108Kb / 2P
   contact block - standard contact blow-out - compatible with XKM
Feb 10, 2022
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
NEC
SVFB21V105M NEC-SVFB21V105M Datasheet
142Kb / 16P
   Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
5MF BEL-5MF Datasheet
94Kb / 2P
   Fast Blow Fuse Series
3AB BEL-3AB Datasheet
96Kb / 2P
   Fast Blow Fuse Series
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com