Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3812MX-7.0 Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3812MX-7.0
Description  Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3812MX-7.0 Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3812MX-7.0 Datasheet HTML 6Page - National Semiconductor (TI) LM3812MX-7.0 Datasheet HTML 7Page - National Semiconductor (TI) LM3812MX-7.0 Datasheet HTML 8Page - National Semiconductor (TI) LM3812MX-7.0 Datasheet HTML 9Page - National Semiconductor (TI) LM3812MX-7.0 Datasheet HTML 10Page - National Semiconductor (TI) LM3812MX-7.0 Datasheet HTML 11Page - National Semiconductor (TI) LM3812MX-7.0 Datasheet HTML 12Page - National Semiconductor (TI) LM3812MX-7.0 Datasheet HTML 13Page - National Semiconductor (TI) LM3812MX-7.0 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PWM Output and Current
Accuracy
Offset
The PWM output is quantized to 1024 levels. Therefore, the
duty cycle can change only in increments of 1/1024.
There is a one-half (0.5) quantization cycle delay in the out-
put of the PWM circuitry. That is to say that instead of a duty
cycle of N/1024, the duty cycle actually is (N+12)/1024.
The quantization error can be corrected for if a more precise
result is desired. To correct for this error, simply subtract
1/2048 from the measured duty cycle.
The extra half cycle delay will show up as a DC offset of 12
bit if it is not corrected for. This is approximately 1.1 mA for 1
Amp parts, and 11 mA for 7 Amp parts.
Jitter
In addition to quantization, the duty cycle will contain some
jitter. The jitter is quite small (for example, the standard de-
viation of jitter is only 0.1% for the LM3812/13-1.0). Statisti-
cally the jitter can cause an error in a current sample. Be-
cause the jitter is a random variable, the mean and standard
deviation are used. The mean, or average value, of the jitter
is zero. The standard deviation (0.1%) can be used to define
the peak error caused from jitter.
The “crest factor” has often been used to define the maxi-
mum error caused by jitter. The crest factor defines a limit
within which 99.7% of the samples fall. The crest factor is de-
fined as ±0.3% error in the duty cycle.
Since the jitter is a random variable, averaging multiple out-
puts will reduce the effective jitter. Obeying statistical laws,
the jitter is reduced by the square root of the number of read-
ings that are averaged. For example, if four readings of the
duty cycle are averaged, the resulting jitter (and crest factor)
are reduced by a factor of two.
Jitter and Noise
Jitter in the PWM output appears as noise in the current
measurement. The Electrical Characteristics show noise
measured in current RMS (root mean square). Arbitrarily one
could specify PWM jitter, as opposed to noise. In either case
the effect results in a random error in an individual current
measurement.
Noise, just like jitter, can be reduced by averaging many
readings. The RMS value of the noise corresponds to one
standard deviation. The “crest factor” can be calculated in
terms of current, and is equal to ±3 sigma (RMS value of the
noise).
Noise will also be reduced by averaging multiple readings,
and follows the statistical laws of a random variable.
Accuracy of 7A Versions
The graph of
Figure 7 shows two possible responses to a 7A
current step. The flat response shows basically a 7A level
with some noise. This is what is possible with a good thick
trace and a good thermal connection to the IC on the sense
pins.
The second trace that asymptotically approaches a higher
value shows what can happen under extremely poor thermal
conditions. Here a very small wire connects the IC to the cur-
rent source. The very small wire does not allow heat in the
sense resistor to dissipate. Hence, as the sense resistor
heats up, a temperature difference between the sense ele-
ment and the die gets larger, and an error develops. Eventu-
ally the temperature difference reaches steady state, which
accounts for the under-damped exponential response.
Accuracy versus Noise
The graph shown in
Figure 8 illustrates the typical response
of ±1 Ampere current gauges. In this graph, the horizontal
axis indicates time, and the vertical axis indicates measured
current (the PWM duty cycle has been converted to current).
The graph was generated for an actual current of 500 mA.
The difference between successive readings manifests itself
as jitter in the PWM output or noise in the current measure-
ment (when duty cycle of the PWM output is converted to
current).
The accuracy of the measurement depends on the noise in
the current waveform. The accuracy can be improved by av-
eraging several outputs. Although there is variation in suc-
cessive readings, a very accurate measurement can be ob-
tained by averaging the readings. For example, on
averaging the readings shown in this example, the average
current measurement is 502.3 mA (
Figure 8). This value is
very close to the actual value of 500 mA. Moreover, the ac-
curacy depends on the number of readings that are
averaged.
DS100122-23
FIGURE 7. Transient Response to 7 Amp Step Current
DS100122-26
FIGURE 8. Typical Response of LM3812-1.0/LM3813-1.0
www.national.com
11


Numéro de pièce similaire - LM3812MX-7.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM381 NSC-LM381 Datasheet
130Kb / 6P
   LM381/LM381A Low Noise Dual Preamplifier
logo
Seoul Semiconductor
LM381 SEOUL-LM381 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM381 SEOUL-LM381 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Description similaire - LM3812MX-7.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3814 NSC-LM3814_05 Datasheet
708Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3814 NSC-LM3814 Datasheet
264Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3822 NSC-LM3822 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3824 NSC-LM3824 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
   Wire Element Four Terminal Precision Current Sense
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
   Wire Element Four Terminal Precision Current Sense
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
   4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
   Integrated Current Sense Element
Rev 0; 10/17
MAX9934 MAXIM-MAX9934_V01 Datasheet
861Kb / 19P
   High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com