Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N45 Fiches technique(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce 4N45
Description  Gain-bandwidth adjustment pin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N45 Fiches technique(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  4N45 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Solder Reflow Thermal Profile
Recommended Pb-Free IR Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
Note: Non-halide flux should be used.
Note: Non-halide flux should be used.


Numéro de pièce similaire - 4N45

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
4N45 HP-4N45 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
logo
Inchange Semiconductor ...
4N45 ISC-4N45 Datasheet
65Kb / 2P
   Fast Switching Speed
4N45-220 ISC-4N45-220 Datasheet
165Kb / 2P
   isc N-Channel MOSFET Transistor
4N45-TO-3 ISC-4N45-TO-3 Datasheet
160Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Agilent(Hewlett-Packard...
4N45300 HP-4N45300 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
More results

Description similaire - 4N45

FabricantNo de pièceFiches techniqueDescription
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
   Gain bandwidth product
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
   High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
   High Gain-Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
   High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
   High Gain Bandwidth Product
logo
Linear Technology
LT1807CMS8 LINER-LT1807CMS8 Datasheet
321Kb / 28P
   Gain-Bandwidth Product: 325MHz
logo
Inchange Semiconductor ...
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
   High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
2SC5090 ISC-2SC5090 Datasheet
322Kb / 7P
   High Gain Bandwidth Product
2SC4197 ISC-2SC4197 Datasheet
214Kb / 6P
   High Gain Bandwidth Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com