Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N45 Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce 4N45
Description  Gain-bandwidth adjustment pin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N45 Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 4N45 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 4N45 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Output Voltage (4N46)
VO
4.5
20
V
Output Voltage (4N45)
4.5
7
V
Input Current (High)
IF(ON)
0.5
10
mA
Input Voltage (Low)
VF(OFF)
00.8
V
Operating Temperature
TA
070
°C
DC Electrical Specifications
Over recommended temperature (TA = 0°C to 70°C), unless otherwise specified.
Parameter
Device
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Current Transfer
4N46
CTR
350*
1500
3200
%
IF = 0.5 mA, VO = 1.0 V
3, 4,
5, 6,
Ratio
500*
1500
2000
IF = 1.0 mA, VO = 1.0 V
5, 11,
8
200*
600
1000
IF = 10 mA, VO = 1.2 V
12
4N45
250*
1200
2000
%
IF = 1.0 mA, VO = 1.0 V
200*
500
1000
IF = 10 mA, VO = 1.2 V
Logic Low
4N46
VOL
0.90
1.0
V
IF = 0.5 mA, IOL = 1.75 mA
3
6
Output Voltage
0.92
1.0
IF = 1.0 mA, IOL = 5.0 mA
0.95
1.2
IF = 10 mA, IOL = 20 mA
4N45
0.90
1.0
V
IF = 1.0 mA, IOL = 2.5 mA
0.95
1.2
IF = 10 mA, IOL = 20 mA
Logic High
4N46
IOH*0.001
100
µAI
F = 0 mA, VO = 18 V
6
4N45
0.001
250
µAI
F = 0 mA, VO = 5 V
Input Forward Voltage
VF
1.4
1.7*
V
TA = 25°C
IF = 1.0 mA
2
1.75
Temperature Coefficient
∆V
F
-1.8
mV/
°CI
F = 1.0 mA
of Forward Voltage
Input Reverse Breakdown
BVR*5
V
IR = 10 µA
Voltage
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0
∆T
A
Output Current
Switching Specifications
(Over recommended temperature TA = 0°C to 70°C unless otherwise specified. VCC = 5.0 V.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
tPHL
80
µsT
A = 25°CIF = 0.5 mA
6, 7,
6, 8
to Logic Low at Output
RL = 10 kΩ
8, 9,
tPHL
5
50*
TA = 25°CIF = 10 mA
60
RL = 2.2 kΩ
Propagation Delay Time
tPLH
1500
µsT
A = 25°CIF = 10 mA
6, 7,
6, 8
to Logic High at Output
RL = 10 kΩ
8, 9,
tPLH
150
500*
TA = 25°CIF = 10 mA
600
RL = 220 kΩ
Common Mode
|CMH|
500
V/
µsI
F = 0 mA, RL = 10 kΩ
10
9
Transient Immunity at
|VCM| = 10 VP-P
High Output Level
Common Mode
|CML|
500
V/
µsI
F = 1.0 mA, RL = 10 kΩ
10
9
Transient Immunity at
|VCM| = 10 VP-P
Low Output Level
*JEDEC Registered Data.
**All typicals at TA = 25°C, unless otherwise noted.
11, 13
11, 13


Numéro de pièce similaire - 4N45

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
4N45 HP-4N45 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
logo
Inchange Semiconductor ...
4N45 ISC-4N45 Datasheet
65Kb / 2P
   Fast Switching Speed
4N45-220 ISC-4N45-220 Datasheet
165Kb / 2P
   isc N-Channel MOSFET Transistor
4N45-TO-3 ISC-4N45-TO-3 Datasheet
160Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Agilent(Hewlett-Packard...
4N45300 HP-4N45300 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
More results

Description similaire - 4N45

FabricantNo de pièceFiches techniqueDescription
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
   Gain bandwidth product
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
   High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
   High Gain-Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
   High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
   High Gain Bandwidth Product
logo
Linear Technology
LT1807CMS8 LINER-LT1807CMS8 Datasheet
321Kb / 28P
   Gain-Bandwidth Product: 325MHz
logo
Inchange Semiconductor ...
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
   High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
2SC5090 ISC-2SC5090 Datasheet
322Kb / 7P
   High Gain Bandwidth Product
2SC4197 ISC-2SC4197 Datasheet
214Kb / 6P
   High Gain Bandwidth Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com