Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM30C256-S Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce FM30C256-S
Description  256Kb Data Collector
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FM30C256-S Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FM30C256-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM30C256-S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FM30C256
Rev 2.1
Dec. 2002
Page 6 of 18
32.768 kHz
crystal
Oscillator
Clock
Divider
Update
Logic
512 Hz
W
R
Seconds
7 bits
Minutes
7 bits
Hours
6 bits
Date
6 bits
Months
5 bits
Years
8 bits
CF
Days
3 bits
User Interface Registers
1 Hz
Figure 2. Real-time Clock Core Block Diagram
Calibration
When the CAL bit in register 0 is set to 1, the clock
enters calibration mode. Calibration operates by
applying a digital correction to the counter based on
the frequency error. In CAL mode, the CAL pin is
driven with a 512 Hz (nominal) square wave. Any
measured deviation from 512 Hz is converted to an
error in ppm. This error corresponds to a correction
value that is then written by the user into the
calibration register. The correction factors are listed
in the table below.
Positive ppm errors require a negative adjustment
that removes pulses. Negative ppm errors require a
positive correction that adds pulses. Positive ppm
adjustments have the CALS bit set to 1, where as
negative ppm adjustments have CALS = 0. After
calibration, the clock will have a maximum error of
± 2.17 ppm or ± 0.09 minutes per month at the
calibrated temperature.
The calibration setting is battery backed and is stored
in bits CAL.4-0. This value only can be written when
the CAL bit is set to a 1. To exit the calibration
mode, the user must clear the CAL bit to a 0. When
the CAL bit is 0, the CAL pin will be driven low.
When the calibration mode is entered, the user can
measure the frequency error on the CAL pin. This
error expressed in ppm translates directly into
timekeeping
error.
An
offsetting
calibration
adjustment corrects this error. However, the
correction is applied by adding or removing pulses on
a periodic basis. Therefore, the correction will not
appear on the 512 Hz output. The calibration
correction must be applied using the lookup table
below. The timekeeping accuracy can be verified by
comparing the FM30C256 time to a reference source.


Numéro de pièce similaire - FM30C256-S

FabricantNo de pièceFiches techniqueDescription
logo
RFE international
FM300 RFE-FM300 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
Extech Instruments Corp...
FM300 EXTECH-FM300 Datasheet
95Kb / 1P
   Desktop Formaldehyde (CH2O or HCHO) Monitor
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
   GENERAL-PURPOSE PLASTIC RECTIFIERS
FM3000W RECTRON-FM3000W Datasheet
128Kb / 6P
   HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
logo
SHENZHEN FUMAN ELECTRON...
FM3004 FUMAN-FM3004 Datasheet
153Kb / 4P
   USB charge controller
More results

Description similaire - FM30C256-S

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
ESRP-PCS-UNO420 ADVANTECH-ESRP-PCS-UNO420 Datasheet
814Kb / 2P
   Edge Data Collector
ESRP-PCS-WISE710 ADVANTECH-ESRP-PCS-WISE710 Datasheet
1Mb / 2P
   Edge Data Collector
SRP-IFS210-D36TAE ADVANTECH-SRP-IFS210-D36TAE Datasheet
312Kb / 2P
   Environment Data Collector
26-Jan-2022
ESRP-CNC-UNO1372 ADVANTECH-ESRP-CNC-UNO1372 Datasheet
1,009Kb / 2P
   Edge Data Collector
logo
Generalplus Technology ...
GPC252A GENERALPLUS-GPC252A Datasheet
438Kb / 17P
   256KB Sound Controller
GPL133A GENERALPLUS-GPL133A Datasheet
447Kb / 20P
   256KB LCD CONTROLLER
logo
Analog Devices
ADCLK914BCPZ-WP AD-ADCLK914BCPZ-WP Datasheet
304Kb / 12P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK914 AD-ADCLK914 Datasheet
302Kb / 11P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
logo
Renesas Technology Corp
R1LP5256E RENESAS-R1LP5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM
logo
Generalplus Technology ...
GPC251A1 GENERALPLUS-GPC251A1 Datasheet
441Kb / 16P
   256KB Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com