Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA60UP20DN Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce FFA60UP20DN
Description  Ultrafast Rectifier
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA60UP20DN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFA60UP20DN Datenblatt HTML 1Page - Fairchild Semiconductor FFA60UP20DN Datasheet HTML 2Page - Fairchild Semiconductor FFA60UP20DN Datenblatt HTML 3Page - Fairchild Semiconductor FFA60UP20DN Datenblatt HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A, August 2004
©2004 Fairchild Semiconductor Corporation
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
100
0.00.5
1.01.5
2.0
T
C = 25
oC
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
200
400
500
Typical Capacitance
at 0V = 473.9 pF
Reverse Voltage , V
R [V]
100
500
0
1
2
3
4
5
6
I
F = 30A
T
C = 25
oC
di/dt [A/
µs]
0
50
100
150
200
0.001
0.01
0.1
1
10
T
C = 100
o
C
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
25
30
35
40
I
F = 30A
Tc = 25
oC
di/dt [A/
µs]
60
80
100
120
140
160
0
5
10
15
20
25
30
35
Case Temperature , T
C [
oC]


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MURH860CTULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS 1 2 3 4 Motorola, Inc
STTH60L06TVTURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER 1 2 3 4 5 MoreSTMicroelectronics
STTH20002TVTURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER 1 2 3 4 5 STMicroelectronics
BYC8-600Rectifier diode ultrafast low switching loss 1 2 3 4 5 MoreNXP Semiconductors
FFA60UP60DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
BYC10B-600Rectifier diode ultrafast low switching loss 1 2 3 4 5 MoreNXP Semiconductors
BYV42FRectifier diodes ultrafast rugged 1 2 3 4 5 MoreNXP Semiconductors
BYW29EBRectifier diodes ultrafast rugged 1 2 3 4 5 MoreNXP Semiconductors
UF600AUltrafast silicon rectifier diodes 1 2 Semikron International
STTH108HIGH VOLTAGE ULTRAFAST RECTIFIER 1 2 3 4 5 STMicroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn