Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA60UP20DN Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce FFA60UP20DN
Description  Ultrafast Rectifier
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA60UP20DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFA60UP20DN Datasheet HTML 1Page - Fairchild Semiconductor FFA60UP20DN Datenblatt HTML 2Page - Fairchild Semiconductor FFA60UP20DN Datenblatt HTML 3Page - Fairchild Semiconductor FFA60UP20DN Datenblatt HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A, August 2004
©2004 Fairchild Semiconductor Corporation
Absolute Maximum Ratings (per diode) T
C=25°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode) T
C=25 °C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C30
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
300
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
1.4
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 30A
IF = 30A
TC = 25 °C
TC = 100 °C
-
-
-
-
1.15
1.0
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
10
100
µA
trr
Irr
Qrr
Reverse Recovery Time
Reverse Recovery Current
Reverse Recovery Charge
(IF =30A, di/dt = 200A/µs)
-
-
-
32
2.4
38.4
-
-
-
ns
A
nC
trr
Maximum Reverse Recovery Time
(IF =1A, di/dt = 100A/µs)
-
-
40
ns
WAVL
Avalanche Energy (L=40mH)
2
-
-
mJ
FFA60UP20DN
Features
• Ultrafast with soft recovery
(@ IF = 1A), < 40ns
• Reverse Voltage, 200V
• Forward Voltage (@ TC = 100°C), < 1V
Applications
• Power switching circuits
• Output rectifiers
• Freewheeling diodes
• Switching mode power supply
1
2
3
TO-3P
Ultrafast Rectifier
1. Anode 2.Cathode 3. Anode


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MURH860CTULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS 1 2 3 4 Motorola, Inc
STTH60L06TVTURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER 1 2 3 4 5 MoreSTMicroelectronics
STTH20002TVTURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER 1 2 3 4 5 STMicroelectronics
BYC8-600Rectifier diode ultrafast low switching loss 1 2 3 4 5 MoreNXP Semiconductors
FFA60UP60DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
BYC10B-600Rectifier diode ultrafast low switching loss 1 2 3 4 5 MoreNXP Semiconductors
BYV42FRectifier diodes ultrafast rugged 1 2 3 4 5 MoreNXP Semiconductors
BYW29EBRectifier diodes ultrafast rugged 1 2 3 4 5 MoreNXP Semiconductors
UF600AUltrafast silicon rectifier diodes 1 2 Semikron International
STTH108HIGH VOLTAGE ULTRAFAST RECTIFIER 1 2 3 4 5 STMicroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn