Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS2582 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FDS2582
Description  N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2582 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FDS2582 Datasheet HTML 3Page - Fairchild Semiconductor FDS2582 Datasheet HTML 4Page - Fairchild Semiconductor FDS2582 Datasheet HTML 5Page - Fairchild Semiconductor FDS2582 Datasheet HTML 6Page - Fairchild Semiconductor FDS2582 Datasheet HTML 7Page - Fairchild Semiconductor FDS2582 Datasheet HTML 8Page - Fairchild Semiconductor FDS2582 Datasheet HTML 9Page - Fairchild Semiconductor FDS2582 Datasheet HTML 10Page - Fairchild Semiconductor FDS2582 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDS2582 Rev. B
SPICE Thermal Model
REV July 2002
FDS2582
Copper Area =1.0 in
2
CTHERM1 TH 8 4e-4
CTHERM2 8 7 5e-3
CTHERM3 7 6 6e-2
CTHERM4 6 5 9e-2
CTHERM5 5 4 3e-1
CTHERM6 4 3 4e-1
CTHERM7 3 2 9e-1
CTHERM8 2 TL 2
RTHERM1 TH 8 5e-1
RTHERM2 8 7 6e-1
RTHERM3 7 6 4
RTHERM4 6 5 5
RTHERM5 5 4 8
RTHERM6 4 3 9
RTHERM7 3 2 15
RTHERM8 2 TL 23
SABER Thermal Model
Copper Area = 1.0 in
2
template thermal_model th tl
thermal_c th, tl
{
CTHERM1 TH 8 4e-4
CTHERM2 8 7 5e-3
CTHERM3 7 6 6e-2
CTHERM4 6 5 9e-2
CTHERM5 5 4 3e-1
CTHERM6 4 3 4e-1
CTHERM7 3 2 9e-1
CTHERM8 2 TL 2
RTHERM1 TH 8 5e-1
RTHERM2 8 7 6e-1
RTHERM3 7 6 4
RTHERM4 6 5 5
RTHERM5 5 4 8
RTHERM6 4 3 9
RTHERM7 3 2 15
RTHERM8 2 TL 23
}
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
CASE
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8
TABLE 1. THERMAL MODELS
COMPONANT
0.04 in
2
0.28 in
2
0.52 in
2
0.76 in
2
1.0 in
2
CTHERM6
3.2e-1
3.5e-1
4.0e-1
4.0e-1
4.0e-1
CTHERM7
8.5e-1
9.0e-1
9.0e-1
9.0e-1
9.0e-1
CTHERM8
0.3
1.8
2.0
2.0
2.0
RTHERM6
24181210
9
RTHERM7
36211816
15
RTHERM8
53373028
23


Numéro de pièce similaire - FDS2582

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FDS2582-NL VBSEMI-FDS2582-NL Datasheet
990Kb / 9P
   N-Channel 150 V (D-S) MOSFET
More results

Description similaire - FDS2582

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD2582 FAIRCHILD-FDD2582 Datasheet
268Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 21A, 66m
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDD2570 FAIRCHILD-FDD2570 Datasheet
99Kb / 5P
   150V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com