Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2012I Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FAN2012I
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2012I Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FAN2012I Datasheet HTML 1Page - Fairchild Semiconductor FAN2012I Datasheet HTML 2Page - Fairchild Semiconductor FAN2012I Datasheet HTML 3Page - Fairchild Semiconductor FAN2012I Datasheet HTML 4Page - Fairchild Semiconductor FAN2012I Datasheet HTML 5Page - Fairchild Semiconductor FAN2012I Datasheet HTML 6Page - Fairchild Semiconductor FAN2012I Datasheet HTML 7Page - Fairchild Semiconductor FAN2012I Datasheet HTML 8Page - Fairchild Semiconductor FAN2012I Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.2
Typical Performance Characteristics
TA = 25°C, CIN = 10µF, COUT = 40µF, L = 3.3µH, VIN = 5V, unless otherwise noted.
10
100
1000
10000
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
100
120
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
1.214
Temp (
∞C) vs Vout@0 mA
Temp (
∞C) vs Vout@100mA
Temp (
∞C) vs Vout@ 500 mA
Temp (
∞C) vs Vout@1000 mA
Temp (
∞C) vs Vout@1500 mA
Output Voltage vs. Ambient Temperature
Ambient Temperature (°C)
0
204060
80
100
120
1230
1235
1240
1245
1250
1255
1260
Ambient Temperature (°C)
Switching Frequency vs. Ambient Temperature
Load Current (mA)
Efficiency vs. Load Current
VIN = 5.5V
VIN = 4.5V
VIN = 5V
VOUT = 3.3V
VOUT = 1.2V


Numéro de pièce similaire - FAN2012I

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2012I FAIRCHILD-FAN2012I Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

Description similaire - FAN2012I

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com