Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2012 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN2012
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2012 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2012 Datasheet HTML 2Page - Fairchild Semiconductor FAN2012 Datasheet HTML 3Page - Fairchild Semiconductor FAN2012 Datasheet HTML 4Page - Fairchild Semiconductor FAN2012 Datasheet HTML 5Page - Fairchild Semiconductor FAN2012 Datasheet HTML 6Page - Fairchild Semiconductor FAN2012 Datasheet HTML 7Page - Fairchild Semiconductor FAN2012 Datasheet HTML 8Page - Fairchild Semiconductor FAN2012 Datasheet HTML 9Page - Fairchild Semiconductor FAN2012 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.2
Inductor Selection
The inductor parameters directly related to device performances
are saturation current and dc resistance. The FAN2011/
FAN2012 operates with a typical inductor value of 3.3µH. The
lower the dc resistance, the higher the efficiency. For saturation
current, the inductor should be rated higher than the maximum
load current plus half of the inductor ripple current that is calcu-
lated as follows:
where:
∆IL = Inductor Ripple Current
f = Switching Frequency
L = Inductor Value
Some recommended inductors are suggested in the table
below:
Table 1: Recommended Inductors
Capacitors Selection
For best performances, a low ESR input capacitor is required. A
ceramic capacitor of at least 10µF, placed as close to the VIN
and AGND pins of the device is recommended. The output
capacitor determines the output ripple and the transient
response.
Table 2: Recommended Capacitors
PCB Layout Recommendations
The inherently high peak currents and switching frequency of
power supplies require a careful PCB layout design. Therefore,
use wide traces for high current paths and place the input
capacitor, the inductor, and the output capacitor as close as
possible to the integrated circuit terminals. In order to minimize
voltage stress to the device resulting from ever present switch-
ing spikes, use an input bypass capacitor with low ESR. Use of
an external Schottky diode with its anode connected to SW
node and cathode connected to PVIN further reduces switching
spikes. Note that the peak amplitude of the switching spikes
depends upon the load current; the higher the load current, the
higher the switching spikes.
The resistor divider that sets the output voltage should be
routed away from the inductor to avoid RF coupling. The ground
plane at the bottom side of the PCB acts as an electromagnetic
shield to reduce EMI. The recommended PCB layout is shown
below in Figure 5.
Figure 5. Recommended PCB Layout
Inductor Value
Vendor
Part Number
3.3µH
Panasonic
ELL6PM3R3N
3.3µH
Murata
LQS66C3R3M04
Capacitor
Value
Vendor
Part Number
10µF
Taiyo Yuden
JMK212BJ106MG
JMK316BJ106KL
TDK
C2012X5ROJ106K
C3216X5ROJ106M
Murata
GRM32ER61C106K
∆I
L
V
OUT
1V
OUT
V
IN
()
Lf
×
------------------------------------------
×
=


Numéro de pièce similaire - FAN2012

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2012 FAIRCHILD-FAN2012 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012 FAIRCHILD-FAN2012 Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

Description similaire - FAN2012

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com