Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54260-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54260-Q1
Description  3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54260-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS54260-Q1 Datasheet HTML 1Page - Texas Instruments TPS54260-Q1 Datasheet HTML 2Page - Texas Instruments TPS54260-Q1 Datasheet HTML 3Page - Texas Instruments TPS54260-Q1 Datasheet HTML 4Page - Texas Instruments TPS54260-Q1 Datasheet HTML 5Page - Texas Instruments TPS54260-Q1 Datasheet HTML 6Page - Texas Instruments TPS54260-Q1 Datasheet HTML 7Page - Texas Instruments TPS54260-Q1 Datasheet HTML 8Page - Texas Instruments TPS54260-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
PH
VIN
GND
BOOT
VSENSE
COMP
TPS54260-EP
EN
RT /CLK
SS /TR
PWRGD
Copyright © 2016, Texas Instruments Incorporated
0
10
20
30
40
50
60
70
80
100
0
0.5
1.0
1.5
2.0
I - Output Current - A
O
2.5
3.0
90
VIN=12V
VOUT=3.3V
fsw=300kHz
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS54260-EP
SLVSDN9 – DECEMBER 2016
TPS54260-EP 3.5-V to 60-V Step-Down Converter With Eco-mode™ Control Scheme
1
1 Features
1
3.5-V to 60-V Input Voltage Range
200-m
Ω High-Side MOSFET
High-Efficiency at Light Loads With a Pulse
Skipping Eco-mode™ Control Scheme
138-μA Operating Quiescent Current
1.3-μA Shutdown Current
100-kHz to 2.5-MHz Switching Frequency
Synchronizes to External Clock
Adjustable Slow-Start and Sequencing
UV and OV Power Good Output
Adjustable UVLO Voltage and Hysteresis
0.8-V Internal Voltage Reference
10-Pin HVSSOP and 10-Pin 3-mm × 3-mm VSON
Packages
Supported by WEBENCH® Software Tool
Supports Defense, Aerospace, and Medical
Applications
Controlled Baseline
One Assembly and Test Site
One Fabrication Site
Available in Military (–55°C to 125°C)
Temperature Range
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
2 Applications
12-V and 24-V Automotive and Industrial Systems
Infotainment, Cluster, and ADAS Applications
3 Description
The TPS54260-EP device is a 60-V, 2.5-A, step-
down regulator with an integrated high-side MOSFET.
Current
mode
control
provides
simple
external
compensation and flexible component selection. A
low-ripple pulse skip mode reduces the no load,
regulated output supply current to 138 μA. Using the
enable pin, shutdown supply current is reduced to
1.3 μA when the enable pin is low.
Under voltage lockout is internally set at 2.5 V, but
can be increased using the enable pin. The output
voltage startup ramp is controlled by the slow-start
pin that can also be configured for sequencing and
tracking. An open drain power good signal indicates
the output is within 94% to 107% of the nominal
voltage.
A wide switching frequency range allows efficiency
and external component size to be optimized.
Frequency fold back and thermal shutdown protects
the part during an overload condition.
The TPS54260-EP is available in 10-pin thermally-
enhanced HVSSOP and 10-pin 3-mm × 3-mm VSON
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS54260-EP
HVSSOP (10)
3.00 mm × 4.90 mm
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Efficiency vs Load Current


Numéro de pièce similaire - TPS54260-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
More results

Description similaire - TPS54260-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54240-Q1 TI1-TPS54240-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   3.5-V to 42-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-mode CONTROL SCHEME
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54240-Q1 TI-TPS54240-Q1_15 Datasheet
2Mb / 52P
[Old version datasheet]   3.5-V to 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com