Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3803 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3803
Description  Voltage Detectors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS3803 Datasheet HTML 1Page - Texas Instruments TPS3803 Datasheet HTML 2Page - Texas Instruments TPS3803 Datasheet HTML 3Page - Texas Instruments TPS3803 Datasheet HTML 4Page - Texas Instruments TPS3803 Datasheet HTML 5Page - Texas Instruments TPS3803 Datasheet HTML 6Page - Texas Instruments TPS3803 Datasheet HTML 7Page - Texas Instruments TPS3803 Datasheet HTML 8Page - Texas Instruments TPS3803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS3803-01-Q1
TPS3803G15-Q1, TPS3805H33-Q1
www.ti.com
SGLS228C – DECEMBER 2003 – REVISED SEPTEMBER 2015
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 1.5 V, IOH = –0.5 mA
VOH
High-level output voltage (TPS3805 only)
VDD = 3.3 V, IOH = –1 mA
0.8 × VDD
V
VDD = 6 V, IOH = –1.5 mA
VDD = 1.5 V, IOL = 1 mA
VOL
Low-level output voltage
VDD = 3.3 V, IOL = 2 mA
0.3
V
VDD = 6 V, IOL = 3 mA
VIT > 1.5 V, TA = 25°C
0.8
Power-up reset voltage(1)
V
VIT ≤ 1.5 V, TA = 25°C
1
SENSE
1.2
1.226
1.244
Negative-going input
VIT
TPS3803G15
1.379
1.4
1.421
V
threshold voltage(2)
TPS3805H33
3.004
3.05
3.096
1.2 V < VIT < 2.5 V
15
Vhys
Hysteresis
mV
2.5 V < VIT < 3.5 V
30
II
Input current
SENSE
–25
25
nA
High-level output
IOH
Open drain only
VDD = VIT + 0.2 V, VOH = VDD
300
nA
current at RESET
TPS3803-01
2
4
VDD = 3.3 V, Output unconnected
TPS3805, TPS3803G15
3
5
IDD
Supply current
μA
TPS3803-01
2
4
VDD = 6 V, Output unconnected
TPS3805, TPS3803G15
4
6
CI
Input capacitance
VI = 0 V to VDD
1
pF
(1)
The lowest supply voltage at which RESET (VOL(max) = 0.2 V, IOL = 50 μA) becomes active. tr(VDD) ≥ 15 μs/V.
(2)
To ensure the best stability of the threshold voltage, place a bypass capacitor (ceramic, 0.1-
μF) near the supply terminals.
7.6 Timing Requirements
RL = 1 MΩ, CL = 50 pF, TA = –40°C to 125°C (unless otherwise noted)
MIN
MAX
UNIT
VDD
tw
Pulse duration
VIH = 1.05 × VIT, VIL = 0.95 × VIT
5.5
μs
SENSE
7.7 Switching Characteristics
RL = 1 MΩ, CL = 50 pF, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD to RESET delay
Propagation (delay) time,
tPHL
VIH = 1.05 × VIT, VIL = 0.95 × VIT
5
100
μs
high-to-low-level output
SENSE to RESET delay
VDD to RESET delay
Propagation (delay) time,
tPLH
VIH = 1.05 × VIT, VIL = 0.95 × VIT
5
100
μs
SENSE to RESET delay
low-to-high-level output
μA
7.8 Dissipation Ratings
POWER RATING
DERATING FACTOR
POWER RATING
POWER RATING
PACKAGE
TA < 25°C
ABOVE TA = 25°C
TA = 70°C
TA = 85°C
DCK
321 mW
2.6 mW/°C
206 mW
167 mW
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3803-01-Q1 TPS3803G15-Q1 TPS3805H33-Q1


Numéro de pièce similaire - TPS3803

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3803 TI-TPS3803 Datasheet
285Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803 TI-TPS3803 Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803 TI-TPS3803 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
TPS3803-01 TI-TPS3803-01 Datasheet
254Kb / 12P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01 TI-TPS3803-01 Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Description similaire - TPS3803

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com