Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14511BDWR2G Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC14511BDWR2G
Description  BCD-to-Seven Segment Latch/Decoder/Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14511BDWR2G Fiches technique(HTML) 5 Page - ON Semiconductor

  MC14511BDWR2G Datasheet HTML 1Page - ON Semiconductor MC14511BDWR2G Datasheet HTML 2Page - ON Semiconductor MC14511BDWR2G Datasheet HTML 3Page - ON Semiconductor MC14511BDWR2G Datasheet HTML 4Page - ON Semiconductor MC14511BDWR2G Datasheet HTML 5Page - ON Semiconductor MC14511BDWR2G Datasheet HTML 6Page - ON Semiconductor MC14511BDWR2G Datasheet HTML 7Page - ON Semiconductor MC14511BDWR2G Datasheet HTML 8Page - ON Semiconductor MC14511BDWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC14511B
http://onsemi.com
5
Figure 1. Dynamic Power Dissipation Signal Waveforms
Input LE low, and Inputs D, BI and LT high.
f in respect to a system clock.
All outputs connected to respective CL loads.
20 ns
20 ns
VDD
VSS
VOH
VOL
90%
50%
10%
50%
A, B, AND C
ANY OUTPUT
50% DUTY CYCLE
1
2f
Figure 2. Dynamic Signal Waveforms
20 ns
20 ns
VDD
90%
INPUT C
(a) Inputs D and LE low, and
Inputs A, B, BI and LT high.
VSS
VOH
VOL
50%
10%
OUTPUT g
tPLH
tPHL
90%
10%
50%
tTLH
tTHL
(b) Input D low,
Inputs A, B, BI and LT high.
20 ns
10%
90%
50%
VDD
VSS
VDD
VSS
VOH
VOL
th
tsu
50%
INPUT C
OUTPUT g
LE
(c) Data DCBA strobed into latches.
20 ns
20 ns
VDD
VSS
LE
90%
50%
10%
tWL


Numéro de pièce similaire - MC14511BDWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14511BDWR2G ONSEMI-MC14511BDWR2G Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
More results

Description similaire - MC14511BDWR2G

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com