Moteur de recherche de fiches techniques de composants électroniques |
|
MC14511B Fiches technique(PDF) 8 Page - ON Semiconductor |
|
MC14511B Fiches technique(HTML) 8 Page - ON Semiconductor |
8 / 10 page MC14511B http://onsemi.com 8 PACKAGE DIMENSIONS SOIC−16 PLASTIC SOIC PACKAGE CASE 751B−05 ISSUE K NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 18 16 9 SEATING PLANE F J M R X 45 _ G 8 PL P −B− −A− M 0.25 (0.010) B S −T− D K C 16 PL S B M 0.25 (0.010) A S T DIM MIN MAX MIN MAX INCHES MILLIMETERS A 9.80 10.00 0.386 0.393 B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.054 0.068 D 0.35 0.49 0.014 0.019 F 0.40 1.25 0.016 0.049 G 1.27 BSC 0.050 BSC J 0.19 0.25 0.008 0.009 K 0.10 0.25 0.004 0.009 M 0 7 0 7 P 5.80 6.20 0.229 0.244 R 0.25 0.50 0.010 0.019 ____ 6.40 16X 0.58 16X 1.12 1.27 DIMENSIONS: MILLIMETERS 1 PITCH SOLDERING FOOTPRINT 16 89 8X |
Numéro de pièce similaire - MC14511B_14 |
|
Description similaire - MC14511B_14 |