Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAY71 Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce BAY71
Description  Small Signal Diode
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2004 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
December 2004
BAY71 Rev. A
BAY71
Small Signal Diode
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
50
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Unit
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter
Conditions
Min.
Max
Units
VR
Breakdown Voltage
IR = 5µA50
V
VF
Forward Voltage
IF = 0.1mA
IF = 1.0mA
IF = 10mA
IF = 20mA
0.48
0.57
0.69
0.76
0.56
0.69
0.88
1.0
V
V
V
V
IR
Reverse Leakage
VR = 35V
VR = 35V, TA = 125°C
100
100
nA
µA
CT
Total Capacitance
VR = 0, f = 1.0MHz
2
pF
trr
Reverse Recovery Time
IF = IR = 10mA, Irr = 1.0mA,
RL = 100Ω
4ns
tfr
Forward Recovery Time
IF = 100mA
40
ns
DO-35
Color Band Denotes Cathode




Html Pages

1  2 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BAT60JSMALL SIGNAL SCHOTTKY DIODE 1 2 3 4 5 STMicroelectronics
BAS16HT1GSmall Signal Diode 1 2 3 4 5 Fairchild Semiconductor
1N914SMALL SIGNAL DIODE 1 General Semiconductor
DAN803Small Signal Diode Arrays 1 2 Diotec Semiconductor
1N456ASmall Signal Diode 1 2 Fairchild Semiconductor
BAT74SMALL SIGNAL SCHOTTKY DIODE 1 2 3 4 STMicroelectronics
MMBD2838Small Signal Diode 1 2 Fairchild Semiconductor
1N459Small Signal Diode 1 2 Fairchild Semiconductor
1N5711SMALL SIGNAL SCHOTTKY DIODE 1 2 3 STMicroelectronics
BAT54HT1GSmall Signal Diode 1 2 3 4 Fairchild Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl