Moteur de recherche de fiches techniques de composants électroniques |
|
LM35H Fiches technique(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM35H Fiches technique(HTML) 9 Page - National Semiconductor (TI) |
9 / 13 page Typical Applications (Continued) DS005516-16 *=1% or 2% film resistor Trim RB for VB=3.075V Trim RC for VC=1.955V Trim RA for VA=0.075V + 100mV/˚C x Tambient Example, VA=2.275V at 22˚C FIGURE 15. Bar-Graph Temperature Display (Dot Mode) DS005516-15 FIGURE 16. LM35 With Voltage-To-Frequency Converter And Isolated Output (2˚C to +150˚C; 20 Hz to 1500 Hz) www.national.com 9 |
Numéro de pièce similaire - LM35H |
|
Description similaire - LM35H |