Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP1506 Fiches technique(PDF) 4 Page - Anachip Corp

No de pièce AP1506
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1506 Fiches technique(HTML) 4 Page - Anachip Corp

  AP1506 Datasheet HTML 1Page - Anachip Corp AP1506 Datasheet HTML 2Page - Anachip Corp AP1506 Datasheet HTML 3Page - Anachip Corp AP1506 Datasheet HTML 4Page - Anachip Corp AP1506 Datasheet HTML 5Page - Anachip Corp AP1506 Datasheet HTML 6Page - Anachip Corp AP1506 Datasheet HTML 7Page - Anachip Corp AP1506 Datasheet HTML 8Page - Anachip Corp AP1506 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
4/12
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
FB
V
Output
Feedback
5V < VIN < 22V
0.2A < ILOAD < 3A
VOUT programmed for
3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
AP1506-ADJ
η
Efficiency
VIN = 12V, ILOAD=3A
74
%
OUT
V
Output voltage
5.5V < VIN < 22V
0.2A < ILOAD < 3A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
AP1506-3.3V
η
Efficiency
VIN = 12V, ILOAD=3A
75
%
OUT
V
Output voltage
8V < VIN < 22V
0.2A < ILOAD < 3A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
AP1506-5V
η
Efficiency
VIN = 12V, ILOAD=3A
80
%
OUT
V
Output voltage
15V < VIN < 22V
0.2A < ILOAD < 3A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
AP1506-12V
η
Efficiency
VIN = 16V, ILOAD = 3A
89
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP1509 150KHz 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1507 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1515 150KHz 1.5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1501A 150Khz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1551 150KHz Dual Channel 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AX2596 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
AX3203 150KHz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
TD1507 2.5A 150KHZ PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
RT9223 5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
EN5310 1A Voltage Mode Synchronous Buck PWM DC-DC Converter 1  2  3  4  5  More Enpirion, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn