Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP1506 Fiches technique(PDF) 3 Page - Anachip Corp

No de pièce AP1506
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1506 Fiches technique(HTML) 3 Page - Anachip Corp

  AP1506 Datasheet HTML 1Page - Anachip Corp AP1506 Datasheet HTML 2Page - Anachip Corp AP1506 Datasheet HTML 3Page - Anachip Corp AP1506 Datasheet HTML 4Page - Anachip Corp AP1506 Datasheet HTML 5Page - Anachip Corp AP1506 Datasheet HTML 6Page - Anachip Corp AP1506 Datasheet HTML 7Page - Anachip Corp AP1506 Datasheet HTML 8Page - Anachip Corp AP1506 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
3/12
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
+24
V
VSD
ON /OFF Pin input voltage
-0.3 to +18
V
VFB
Feedback Pin voltage
-0.3 to +18
V
VOUT
Output voltage to Ground
-1
V
PD
Power dissipation
Internally limited
W
TST
Storage temperature
-65 to +150
oC
TOP
Operating temperature
-40 to +125
oC
VOP
Operating voltage
+4.5 to +22
V
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=18V for the 12V version. ILOAD = 0.5A
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-50
IFB
Feedback bias current
VFB=1.3V
(Adjustable version only)
-10
-100
nA
127
150
173
FOSC
Oscillator frequency
110
173
KHz
FSCP
Oscillator frequency of
short circuit protect
When current limit occurred
and VFB < 0.5V, Ta=25
oC
5
15
25
KHz
1.6
VSAT
Saturation Voltage
IOUT=3A
No outside circuit
VFB=0V force driver on
1.4
1.7
V
Max. Duty Cycle (ON)
VFB=0V force driver on
100
DC
Min. Duty Cycle (OFF)
VFB=12V force driver off
0
%
5.5
ICL
Current limit
Peak current
No outside circuit
VFB=0 force driver on
3.6
4.5
6.5
A
Output = 0V
No outside circuit
VFB=12 force driver off
-200
uA
IL
Output =-1V
Output
leakage
current
VIN=22V
-5
mA
IQ
Quiescent Current
VFB=12 force driver off
5
10
mA
150
ISTBY
Standby Quiescent
Current
ON
/OFF pin=5V
VIN=22V
70
200
uA
VIL
Low (regulator ON)
-
0.6
VIH
ON
/OFF pin logic input
threshold voltage
High (regulator OFF)
2.0
1.3
-
V
IH
ON
/OFF pin logic
input current
VLOGIC=2.5V (OFF)
-0.01
IL
ON
/OFF pin input
current
VLOGIC=0.5V (ON)
-0.1
-1
uA
TO220-5L
2.5
θJC
Thermal Resistance
TO263-5L
Junction to
case
3.5
oC/W
TO220-5L
28
θJA
Thermal Resistance
With copper area of
approximately 3 in
2
TO263-5L
Junction to
ambient
23
oC/W
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP1509 150KHz 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1507 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1515 150KHz 1.5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1501A 150Khz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1551 150KHz Dual Channel 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AX2596 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
AX3203 150KHz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
TD1507 2.5A 150KHZ PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
RT9223 5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
EN5310 1A Voltage Mode Synchronous Buck PWM DC-DC Converter 1  2  3  4  5  More Enpirion, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn