Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP1506 Fiches technique(PDF) 2 Page - Anachip Corp

No de pièce AP1506
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1506 Fiches technique(HTML) 2 Page - Anachip Corp

  AP1506 Datasheet HTML 1Page - Anachip Corp AP1506 Datasheet HTML 2Page - Anachip Corp AP1506 Datasheet HTML 3Page - Anachip Corp AP1506 Datasheet HTML 4Page - Anachip Corp AP1506 Datasheet HTML 5Page - Anachip Corp AP1506 Datasheet HTML 6Page - Anachip Corp AP1506 Datasheet HTML 7Page - Anachip Corp AP1506 Datasheet HTML 8Page - Anachip Corp AP1506 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
2/12
Ordering Information
Package
T5: TO220-5L
K5: TO263-5L
Output version
AP1506 XX X X X
Packing
Blank : Tube
A
: Taping
Blank : Adjustable
-33 : 3.3V
-50 : 5.0V
-12 : 12V
T5R: TO220-5L(R)
Lead Free
Blank : Normal
L : Lead Free Package
Block Diagram
Current
Source
bias
1.235V
Reference
2.5V
Regulator
150kHz
OSC.
Start
up
+
+
+
_
Thermal
Shutdown
Pre-driver
Comp
Comp
Gnd
Output
V
IN
SD
FB
220mV
200mV
3A
Switch
+
_
Amp
Comp
Frequecy
compen-
sation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP1509 150KHz 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1507 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1515 150KHz 1.5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1501A 150Khz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1551 150KHz Dual Channel 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AX2596 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
AX3203 150KHz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
TD1507 2.5A 150KHZ PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
RT9223 5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
EN5310 1A Voltage Mode Synchronous Buck PWM DC-DC Converter 1  2  3  4  5  More Enpirion, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn