Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP1506 Fiches technique(PDF) 5 Page - Anachip Corp

No de pièce AP1506
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1506 Fiches technique(HTML) 5 Page - Anachip Corp

  AP1506 Datasheet HTML 1Page - Anachip Corp AP1506 Datasheet HTML 2Page - Anachip Corp AP1506 Datasheet HTML 3Page - Anachip Corp AP1506 Datasheet HTML 4Page - Anachip Corp AP1506 Datasheet HTML 5Page - Anachip Corp AP1506 Datasheet HTML 6Page - Anachip Corp AP1506 Datasheet HTML 7Page - Anachip Corp AP1506 Datasheet HTML 8Page - Anachip Corp AP1506 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
5/12
Typical Performance Characteristics
AP1506 Efficiency v.s. Temperature
(Vin=12V,Vout=5V,Io=3A)
72
73
74
75
76
77
78
79
80
81
82
83
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1506 Efficiency v.s. Temperature
(Vin=12V,Vout=3.3V,Io=3A)
70
71
72
73
74
75
76
77
78
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1506 Saturation Voltage v.s. Temperature
(Vcc=12V,Vfb=0V,VSD=0)
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
Temperature (TA) (°C)
3A
2A
1A
0.5A
AP1506 Switch Current Limit v.s. Temperature
(Vcc=12V,Vfb=0V)
3
3.5
4
4.5
5
5.5
-50
-30
-10
103050
7090
Temperature (TA) (°C)
AP1506 Supply Current v.s. Temperature
(Vcc=12V , No Load ,Von/off =0V(Switch ON) ,Von/off =5V(Switch OFF))
5
6
7
8
9
10
11
12
13
14
15
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (°C)
Switch ON
30
35
40
45
50
55
60
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (°C)
Switch OFF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP1509 150KHz 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1507 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1515 150KHz 1.5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1501A 150Khz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AP1551 150KHz Dual Channel 2A PWM Buck DC/DC Converter 1  2  3  4  5  More Anachip Corp
AX2596 150KHz 3A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
AX3203 150KHz 5A PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
TD1507 2.5A 150KHZ PWM Buck DC/DC Converter 1  2  3  4  5  More List of Unclassifed Manufacturers
RT9223 5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
EN5310 1A Voltage Mode Synchronous Buck PWM DC-DC Converter 1  2  3  4  5  More Enpirion, Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn