Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP1116 Fiches technique(PDF) 1 Page - Anachip Corp

No de pièce AP1116
Description  0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1116 Fiches technique(HTML) 1 Page - Anachip Corp

  AP1116 Datasheet HTML 1Page - Anachip Corp AP1116 Datasheet HTML 2Page - Anachip Corp AP1116 Datasheet HTML 3Page - Anachip Corp AP1116 Datasheet HTML 4Page - Anachip Corp AP1116 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP1116
0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Aug.27, 2004
1/5
Features
1.3V maximum dropout at full load current
Fast transient response
Output current limiting
Built-in thermal shutdown
Packages: SOT89
Good noise rejection
3-Terminal Adjustable or Fixed 1.5V / 1.8V / 2.5V
/ 3.3V / 5.0V
Applications
PC peripheral
Communication
General Description
AP1116 is a low dropout positive adjustable or
fixed-mode regulator with minimum of 0.5A output
current capability. The product is specifically
designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus
termination and low current 3.3V logic supply.
AP1116 is also well suited for other applications
such as VGA cards. AP1116 is guaranteed to have
<1.3V dropout at full load current making it ideal to
provide well regulated outputs of 1.25V to 5V with
up to 18V input supply.
Ordering Information
AP 1116 X XX X X
Low Dropout Regulator
Package
Vout
Y : SOT89-3L
Blank : ADJ
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 5.0V
Packing
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
Typical Circuit
C2
100uF
5V
3.3V/
0.5A
Tab is Vout
Vin
Vout
GND
C1
100uF
( 5V/3.3V fixed output )
R1
121Ω
R2
121Ω
C2
100uF
5V
2.5V/
0.5A
Tab is Vout
Vin
Vout
Adj
C1
100uF
o
V
( 5V/2.5V ADJ output )
)
1
2
REF
o
R
R
(1
V
V
+
=
Note:


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn