Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14549BDWR2G Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC14549BDWR2G
Description  Successive Approximation Registers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14549BDWR2G Fiches technique(HTML) 6 Page - ON Semiconductor

  MC14549BDWR2G Datasheet HTML 1Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 2Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 3Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 4Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 5Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 6Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 7Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14549B, MC14559B
http://onsemi.com
6
TYPICAL APPLICATIONS
Externally Controlled 6−Bit ADC (Figure 2)
Several features are shown in this application:
Shortening of the register to six bits by feeding the
seventh output bit into the FF input.
Continuous conversion, if a continuous signal is applied
to SC.
Externally controlled updating (the start pulse must be
shorter than the conversion cycle).
The EOC output indicating that the parallel data are
valid and that the serial output is complete.
Continuously Cycling 8−Bit ADC (Figure 3)
This ADC is running continuously because the EOC
signal is fed back to the SC input, immediately initiating a
new cycle on the next clock pulse.
Continuously Cycling 12−Bit ADC (Figure 4)
Because each successive approximation register (SAR)
has a capability of handling only an eight−bit word, two
must be cascaded to make an ADC with more than eight bits.
When it is necessary to cascade two SAR’s, the second
SAR must have a stable resettable state to remain in while
awaiting a subsequent start signal. However, the first stage
must not have a stable resettable state while recycling,
because during switch−on or due to outside influences, the
first stage has entered a reset state, the entire ADC will
remain in a stable non−functional condition.
This 12−bit ADC is continuously recycling. The serial as
well as the parallel outputs are updated every thirteenth
clock pulse. The EOC pulse indicates the completion of the
12−bit conversion cycle, the end of the serial output word,
and the validity of the parallel data output.
Figure 2. Externally Controlled 6−Bit ADC
TO DAC
SC
C
Sout
Q7 Q6
Q5
MC14559B
Q4
Q3
Q2
Q1
Q0
EOC
FF
Figure 3. Continuously Cycling 8−Bit ADC
TO DAC
SC
C
Sout
Q7 Q6
Q5
MC14559B
Q4
Q3
Q2
Q1
Q0
EOC
FF


Numéro de pièce similaire - MC14549BDWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14549BDWR2G ONSEMI-MC14549BDWR2G Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results

Description similaire - MC14549BDWR2G

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
ON Semiconductor
MC14549 ONSEMI-MC14549 Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
logo
Motorola, Inc
MC14549B MOTOROLA-MC14549B Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com