Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3851H33EDRBR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3851H33EDRBR
Description  Precision Voltage Supervisor with Integrated Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3851H33EDRBR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS3851H33EDRBR Datasheet HTML 5Page - Texas Instruments TPS3851H33EDRBR Datasheet HTML 6Page - Texas Instruments TPS3851H33EDRBR Datasheet HTML 7Page - Texas Instruments TPS3851H33EDRBR Datasheet HTML 8Page - Texas Instruments TPS3851H33EDRBR Datasheet HTML 9Page - Texas Instruments TPS3851H33EDRBR Datasheet HTML 10Page - Texas Instruments TPS3851H33EDRBR Datasheet HTML 11Page - Texas Instruments TPS3851H33EDRBR Datasheet HTML 12Page - Texas Instruments TPS3851H33EDRBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
IRESET (mA)
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40qC
0qC
25qC
105qC
125qC
IRESET (mA)
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40qC
0qC
25qC
105qC
125qC
VITN Accuracy (%)
0
5
10
15
20
25
30
35
40
45
50
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
Hysteresis (%)
0
20
40
60
80
0.2
0.35
0.5
0.8
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.5
-0.3
-0.1
0.1
0.3
0.5
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Average
VITN + VHYST Accuracy (%)
0
5
10
15
20
25
30
35
40
45
50
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
9
TPS3851
www.ti.com
SBVS300 – NOVEMBER 2016
Product Folder Links: TPS3851
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
all typical characteristics curves are taken at 25°C with 1.6 V
≤ VDD ≤ 6.5 V (unless other wise noted)
TPS3851G50, VITN = 4.8 V
Figure 9. VITN Accuracy vs Temperature
Includes G and H versions; 1.8-V, 2.5-V, 3.0-V, 3.3-V, and 5-V
thresholds; total units = 36,627
Figure 10. VITN + VHYST Accuracy Histogram
Includes G and H versions; 1.8-V, 2.5-V, 3.0-V, 3.3-V, and 5-V
thresholds; total units = 36,627
Figure 11. VITN Accuracy Histogram
Includes G and H versions; 1.8-V, 2.5-V, 3.0-V, 3.3-V, and 5-V
thresholds; total units = 36,627
Figure 12. Hysteresis Histogram
VDD = 1.6 V
Figure 13. Low-Level RESET Voltage vs RESET Current
VDD = 6.5 V
Figure 14. Low-Level RESET Voltage vs RESET Current


Numéro de pièce similaire - TPS3851H33EDRBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3851H33EQDRBRQ1 TI1-TPS3851H33EQDRBRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
More results

Description similaire - TPS3851H33EDRBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851-Q1 TI1-TPS3851-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35 TI1-TPS35_V01 Datasheet
2Mb / 47P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35-Q1 TI-TPS35-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Watchdog Timer
NOVEMBER 2022
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com