Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR30C-12250AZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AMEPR30C-12250AZ
Description  AC-DC Constant Current or Constant Voltage LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30C-12250AZ Fiches technique(HTML) 3 Page - AIMTEC

  AMEPR30C-12250AZ Datasheet HTML 1Page - AIMTEC AMEPR30C-12250AZ Datasheet HTML 2Page - AIMTEC AMEPR30C-12250AZ Datasheet HTML 3Page - AIMTEC AMEPR30C-12250AZ Datasheet HTML 4Page - AIMTEC AMEPR30C-12250AZ Datasheet HTML 5Page - AIMTEC AMEPR30C-12250AZ Datasheet HTML 6Page - AIMTEC AMEPR30C-12250AZ Datasheet HTML 7Page - AIMTEC AMEPR30C-12250AZ Datasheet HTML 8Page - AIMTEC AMEPR30C-12250AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Series AMEPR30C-AZ
up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
3 of 17
North America only
Dimensions














¡Ó
¡Ó











£X
1.00 (£X
0.04)







Wire connection:
Wire
Connection
Brown
AC L
Blue
AC N
Green
Ground
Red
+V output
Black
-V Output
Blue (Dimming)
+ Vs dimming
White (Dimming)
-Vs dimming


Numéro de pièce similaire - AMEPR30C-12250AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30C-12250AZ AIMTEC-AMEPR30C-12250AZ Datasheet
646Kb / 9P
   LED Driver / Converter
AMEPR30C-12250AZ AIMTEC-AMEPR30C-12250AZ Datasheet
760Kb / 17P
   Over temperature protection
AMEPR30C-12250AZ AIMTEC-AMEPR30C-12250AZ Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Description similaire - AMEPR30C-12250AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com