Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR30-12250AZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AMEPR30-12250AZ
Description  AC-DC Constant Current or Constant Voltage LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30-12250AZ Fiches technique(HTML) 3 Page - AIMTEC

  AMEPR30-12250AZ Datasheet HTML 1Page - AIMTEC AMEPR30-12250AZ Datasheet HTML 2Page - AIMTEC AMEPR30-12250AZ Datasheet HTML 3Page - AIMTEC AMEPR30-12250AZ Datasheet HTML 4Page - AIMTEC AMEPR30-12250AZ Datasheet HTML 5Page - AIMTEC AMEPR30-12250AZ Datasheet HTML 6Page - AIMTEC AMEPR30-12250AZ Datasheet HTML 7Page - AIMTEC AMEPR30-12250AZ Datasheet HTML 8Page - AIMTEC AMEPR30-12250AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Series AMEPR30-AZ
up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AG
3 of 15
North America only
Dimensions
57.68
(2.27)
134.80
(5.30)
40.50
(1.59)
158.50
(6.24)
200.00
(8.00)
200.00
(8.00)
2.30
(0.09)
40.50
(1.59)
57.68
(2.27)
16.75
(0.66)
End View
Top View
Side View
32.00
(1.26)
Input/Output Wires are 18 AWG 20cm
NOTE: to adjust the output current connect a 20K Ohm pot between blue and white wire
Wire connection:
Analog (Resistive) Dimming Application Circuit
Wire
Connection
Brown
AC L
Blue
AC N
Green
Ground
Red
+V output
Black
-V Output
Blue (Dimming)
+ Vs dimming
White (Dimming)
-Vs dimming
Model Number
Maximum Pot
Value (kΩ)
AMEPR30-5070AZ
4.68
AMEPR30-4864AZ
2.98
AMEPR30-36100AZ
11.13
AMEPR30-24140AZ
42.60
AMEPR30-12250AZ
44.04


Numéro de pièce similaire - AMEPR30-12250AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30-12250AZ AIMTEC-AMEPR30-12250AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR30-12250AZ AIMTEC-AMEPR30-12250AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Description similaire - AMEPR30-12250AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com