Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC6551AQDGKRQ1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC6551AQDGKRQ1
Description  DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC6551AQDGKRQ1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DAC6551AQDGKRQ1 Datasheet HTML 2Page - Texas Instruments DAC6551AQDGKRQ1 Datasheet HTML 3Page - Texas Instruments DAC6551AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments DAC6551AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments DAC6551AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments DAC6551AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments DAC6551AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments DAC6551AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments DAC6551AQDGKRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
DAC8551-Q1, DAC6551-Q1
SLASEB8C – FEBRUARY 2016 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: DAC8551-Q1 DAC6551-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VDD = 3 V to 5.5 V, VREF = VDD and TA = –40°C to 125°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Specified by design and characterization; not production tested.
PSRR
Power-supply rejection ratio
RL = 2 kΩ, CL = 200 pF
0.75
mV/V
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VREF
V
Output voltage settling time
To ±0.003% FSR, 0200h to FD00h
RL = 2 kΩ, 0 pF < CL < 200 pF
8
μs
Slew rate
1.4
V/μs
Capacitive load stability
RL = ∞
470
pF
RL = 2 kΩ
1000
pF
Code change glitch impulse
1 LSB change around major carry
0.1
nV-s
Digital feedthrough
50 k
Ω series resistance on digital lines
0.1
nV-s
DC output impedance
At mid-code input
1
Short-circuit current
VDD = 3 V to 5.5 V
35
mA
AC PERFORMANCE
SNR
Signal-to-noise ratio
BW = 20 kHz, VDD = 5 V, VREF = 4.5 V, fOUT = 1 kHz
First 19 harmonics removed for SNR calculation
84
dB
THD
Total harmonic distortion
–80
dB
SFDR
Spurious-free dynamic range
84
dB
SINAD
Signal to noise and distortion
76
dB
REFERENCE INPUT
Reference current
VREF = VDD = 5.5 V
50
μA
VREF = VDD = 3.6 V
25
Reference input range
0
VDD
V
Reference input impedance
125
k
LOGIC INPUTS(2)
Input current
±1
μA
VINL
Input low voltage
0.3×VDD
V
VINH
Input high voltage
0.7×VDD
V
Pin capacitance
3
pF
POWER REQUIREMENTS
VDD
Supply voltage
3
5.5
V
IDD
Supply current
Normal mode, midscale code, no load, does not include
reference current. VIH = VDD and VIL = GND,
VDD = 3.6 V to 5.5 V
160
250
μA
Normal mode, midscale code, no load, does not include
reference current. VIH = VDD and VIL = GND,
VDD = 3 V to 3.6 V
110
240
All power-down modes, VIH = VDD and VIL = GND,
VDD = 3.6 V to 5.5 V
0.8
3
All power-down modes, VIH = VDD and VIL = GND,
VDD = 3 V to 3.6 V
0.5
3
POWER EFFICIENCY
IOUT / IDD
ILOAD = 2 mA, VDD = 5 V
89%
TEMPERATURE RANGE
TA
Ambient temperature
–40
125
°C


Numéro de pièce similaire - DAC6551AQDGKRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC650 BURR-BROWN-DAC650 Datasheet
98Kb / 11P
   12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
DAC650JL BURR-BROWN-DAC650JL Datasheet
98Kb / 11P
   12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
DAC650KL BURR-BROWN-DAC650KL Datasheet
98Kb / 11P
   12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI1-DAC6571 Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC6551AQDGKRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com