Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4360-5BCP Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADF4360-5BCP
Description  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4360-5BCP Fiches technique(HTML) 2 Page - Analog Devices

  ADF4360-5BCP Datasheet HTML 1Page - Analog Devices ADF4360-5BCP Datasheet HTML 2Page - Analog Devices ADF4360-5BCP Datasheet HTML 3Page - Analog Devices ADF4360-5BCP Datasheet HTML 4Page - Analog Devices ADF4360-5BCP Datasheet HTML 5Page - Analog Devices ADF4360-5BCP Datasheet HTML 6Page - Analog Devices ADF4360-5BCP Datasheet HTML 7Page - Analog Devices ADF4360-5BCP Datasheet HTML 8Page - Analog Devices ADF4360-5BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. PrA 07/03
PRELIMINARY TECHNICAL DATA
–2–
Parameter
Units
Test Conditions/Comments
REFIN CHARACTERISTICS
REFIN Input Frequency
10/250
MHz min/max
For f < 10MHz, use dc-coupled
CMOS compatible square wave
REFIN Input Sensitivity
-3/0
dBm min/max
AC coupled.
0 to AVDD Volts max
(CMOS compatible)
REFIN Input Capacitance
5.0
pF max
REFIN Input Current
±100
µA max
PHASE DETECTOR
Phase Detector Frequency2
8
MHz max
CHARGE PUMP
ICP sink/source
3
With RSET = 4.7kΩ
High Value
2.5
mA typ
Low Value
0.312
mA typ
RSET Range
2.7/10
k
ICP 3-State Leakage Current
0.2
nA typ
Sink and Source Current Matching
2
% typ
1.25V
VCP
2.5
ICP vs. VCP
1.5
% typ
1.25V
VCP
2.5
ICP vs. Temperature
2
% typ
VCP = 2.0V
LOGIC INPUTS
VINH, Input High Voltage
1.5
V min
VINL, Input Low Voltage
0.6
V max
IINH/IINL, Input Current
± 1
µA max
CIN, Input Capacitance
3.0
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD-0.4
V min
CMOS output chosen
I OH
500
µA max
VOL, Output Low Voltage
0.4
V max
IOL = 500µA
POWER SUPPLIES
AV DD
3.0/3.6
V min/V max
DV DD
AV DD
VVco
A V DD
AI DD
4
10
mA typ
DI DD
4
2.5
mA typ
IVCO
4,5
24.0
mA typ
ICORE = 15mA.
IRFOUT
4
3.5-11.0
mA typ
RF Output Stage is Programmeable
Low Power Sleep Mode
7
µA typ
RF OUTPUT CHARACTERISTICS5
VCO Output Frequency
1800/2150 MHz min/max
ICORE = 15mA.
VCO Sensitivity
57
MHz/Volt
Lock Time
400
us typ
To within 10Hz of final frequency.
Frequency Pushing, (Open Loop)
T B D
MHz/Volt typ
Frequency Pulling, (Open Loop)
T B D
kHz typ
Into 2.00 VSWR Load
Harmonic Content (2nd)
-20
dBc typ
(3rd)
-35
dBc typ
Output Power5,7
-13/-6
dBm typ
Programmable in 3dB steps.Table 3.
Output Power Variation
+/- 3
dB typ
For Tuned loads see page 18.
VCO Tuning Range
1.25/2.5
V min/max
NOTES
1. Operating temperature range is as follows: B Version: –40°C to +85°C.
2. Guaranteed by design. Sample tested to ensure compliance.
3. ICP is internally modified to maintain constant loop gain over the frequency range.
4. TA = +25°C; AVDD = DVDD = VVCO = 3.3V; P = 32.
5. These Characteristics are guaranteed for VCO Core Power = 15mA.
6. Jumping from 1.8GHz to 2.15GHz. PFD frequency = 200kHz, Loop bandwidth = 10kHz.
7. Using 50Ohm resistors to VVco, Into a 50Ohm load. For Tuned Loads see page 18.
ADF4360-2 SPECIFICATIONS1
(AVDD = DVDD = VVCO = +3.3V ± 10%; AGND = DGND = 0 V;
TA = TMIN to TMAX unless otherwise noted)


Numéro de pièce similaire - ADF4360-5BCP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4360-5BCP AD-ADF4360-5BCP Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-5BCPRL AD-ADF4360-5BCPRL Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-5BCPRL7 AD-ADF4360-5BCPRL7 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-5BCPZ AD-ADF4360-5BCPZ Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-5BCPZ AD-ADF4360-5BCPZ Datasheet
347Kb / 24P
   Integrated Synthesizer and VCO
More results

Description similaire - ADF4360-5BCP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com