Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62160-Q1 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS62160-Q1
Description  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62160-Q1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS62160-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS62160-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS62160-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS62160-Q1_16 Datasheet HTML 9Page - Texas Instruments TPS62160-Q1_16 Datasheet HTML 10Page - Texas Instruments TPS62160-Q1_16 Datasheet HTML 11Page - Texas Instruments TPS62160-Q1_16 Datasheet HTML 12Page - Texas Instruments TPS62160-Q1_16 Datasheet HTML 13Page - Texas Instruments TPS62160-Q1_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
L
peak(typ)
LIMF
PD
V
I
I
t
L
=
+
´
(
)
IN(min)
OUT(min)
OUT
DS(on)
L
V
V
I
R
R
=
+
+
(
)
OUT
LPSM(pea
IN
ON
k)
V
V
t
L
I
-
´
=
10
TPS62160-Q1, TPS62162-Q1
SLVSCK6A – DECEMBER 2014 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS62160-Q1 TPS62162-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
space
The peak inductor current in PSM can be approximated by:
space
(2)
space
When VIN decreases to typically 15% above VOUT, the TPS6216x-Q1 does not enter Power Save Mode,
regardless of the load current. The device maintains output regulation in PWM mode.
9.4.3 100% Duty-Cycle Operation
The duty cycle of the buck converter is given by D = Vout/Vin and increases as the input voltage comes close to
the output voltage. In this case, the device starts 100% duty cycle operation turning on the high-side switch
100% of the time. The high-side switch stays turned on as long as the output voltage is below the internal set
point. This allows the conversion of small input to output voltage differences, e.g. for longest operation time of
battery-powered applications. In 100% duty cycle mode, the low-side FET is switched off.
The minimum input voltage to maintain output voltage regulation, depending on the load current and the output
voltage level, can be calculated as:
space
(3)
space
where
IOUT is the output current,
RDS(on) is the RDS(on) of the high-side FET and
RL is the DC resistance of the inductor used.
space
9.4.4 Current Limit and Short Circuit Protection
The TPS6216x-Q1 is protected against heavy load and short circuit events. At heavy loads, the current limit
determines the maximum output current. If the current limit is reached, the high-side FET will be turned off.
Avoiding shoot through current, the low-side FET is then switched on to allow the inductor current to decrease.
The high-side FET will turn on again, only if the current in the low-side FET has decreased below the low side
current limit threshold.
The output current of the device is limited by the current limit (see Electrical Characteristics). Due to internal
propagation delay, the actual current can exceed the static current limit during that time.
space
The dynamic current limit can be calculated as follows:
space
(4)
space
where
ILIMF is the static current limit, specified in the electrical characteristic table,
L is the inductor value,
VL is the voltage across the inductor and
tPD is the internal propagation delay.


Numéro de pièce similaire - TPS62160-Q1_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results

Description similaire - TPS62160-Q1_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com