Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPIPQID2S Fiches technique(PDF) 1 Page - Superworld Electronics

No de pièce SPIPQID2S
Description  Planar Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPIPQID2S Fiches technique(HTML) 1 Page - Superworld Electronics

  SPIPQID2S Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Planar Inductor – SPIPQID2S Series
Proprietary and Confidential
Document of Superworld
03/10/2016
P1
1. Part No. Expression:
S P I P Q I D 2 S – Bxxxx
a) Series Code
(a)
(b)
(c)
(d)
b) Core Size
c) Type: SMD
d) Internal Control
2. Configuration & Dimensions:
3. Schematic:
4. Features and Application
(a) Working Frequency : 300kHz
(b) Inductance Range : 1uH ~ 100uH
(c) Rated Current Range : 15A ~ 100A
Remarks : Please contact Superworld Sales Rep at sales@superworld.com.sg for custom
inductors.


Numéro de pièce similaire - SPIPQID2S

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
SPIPQIC0S SUPERWORLD-SPIPQIC0S Datasheet
66Kb / 1P
   Planar Inductor
More results

Description similaire - SPIPQID2S

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
SPIPQIC0S SUPERWORLD-SPIPQIC0S Datasheet
66Kb / 1P
   Planar Inductor
logo
Pulse A Technitrol Comp...
P1977NLT PULSE-P1977NLT Datasheet
100Kb / 2P
   SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
P1977T PULSE-P1977T Datasheet
100Kb / 2P
   SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
logo
Vishay Siliconix
IPLA-32 VISHAY-IPLA-32 Datasheet
276Kb / 3P
   High Current Planar Choke Inductor
Revision: 30-Nov-17
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com