Moteur de recherche de fiches techniques de composants électroniques |
|
CD44.1101.151 Fiches technique(PDF) 4 Page - Schurter Inc. |
|
CD44.1101.151 Fiches technique(HTML) 4 Page - Schurter Inc. |
4 / 5 page 4 Power Entry Modules with Line Filter CD www.schurter.com /PG06 EMC Products All Variants Type Rated Current [A] Filter-Type Fuseholder Line Switch Voltage Selector V-Lock Order Number CD 1 Standard Version 1-pole 2-pole - CD11.1501.151 █ CD 2 Standard Version 1-pole 2-pole - CD21.1501.151 █ CD 4 Standard Version 1-pole 2-pole - CD31.1501.151 CD 6 Standard Version 1-pole 2-pole - CD41.1501.151 CD 10 Standard Version 1-pole 2-pole - CD61.1501.151 CD 1 Standard Version 1-pole 2-pole 2-4 digits CD11.4501.151 CD 2 Standard Version 1-pole 2-pole 2-4 digits CD21.4501.151 CD 4 Standard Version 1-pole 2-pole 2-4 digits CD31.4501.151 CD 6 Standard Version 1-pole 2-pole 2-4 digits CD41.4501.151 CD 10 Standard Version 1-pole 2-pole 2-4 digits CD61.4501.151 CD 1 Standard Version 2-pole 2-pole - CD14.1101.151 █ CD 2 Standard Version 2-pole 2-pole - CD24.1101.151 █ CD 4 Standard Version 2-pole 2-pole - CD34.1101.151 █ CD 6 Standard Version 2-pole 2-pole - CD44.1101.151 █ CD 10 Standard Version 2-pole 2-pole - CD64.1101.151 █ CD 1 Standard Version 2-pole 2-pole 2-4 digits CD14.4101.151 █ CD 2 Standard Version 2-pole 2-pole 2-4 digits CD24.4101.151 █ CD 4 Standard Version 2-pole 2-pole 2-4 digits CD34.4101.151 █ CD 6 Standard Version 2-pole 2-pole 2-4 digits CD44.4101.151 █ CD 10 Standard Version 2-pole 2-pole 2-4 digits CD64.4101.151 CD 6 Medical Version (M5) 2-pole 2-pole - CDE4.1101.151 CD 1 Medical Version (M5) 2-pole 2-pole 2-4 digits CDG4.4101.151 CD 2 Medical Version (M5) 2-pole 2-pole 2-4 digits CDA4.4101.151 █ CD 4 Medical Version (M5) 2-pole 2-pole 2-4 digits CDC4.4101.151 █ CD 6 Medical Version (M5) 2-pole 2-pole 2-4 digits CDE4.4101.151 █ CD 6 Medical Version (M5) 2-pole 2-pole 2-4 digits l CDE4.4101.151.21 CD 10 Medical Version (M5) 2-pole 2-pole 2-4 digits CDL4.4101.151 █ CD 2 Medical (M80) 2-pole 2-pole 2-4 digits CDB4.4101.151 CD 4 Medical (M80) 2-pole 2-pole 2-4 digits CDD4.4101.151 CD 10 Medical (M80) 2-pole 2-pole 2-4 digits CDM4.4101.151 CD 10 Medical (M80) 2-pole 2-pole 2-4 digits l CDM4.4101.151.21 █ Most Popular. Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER Packaging unit 10 Pcs Required Accessory Description Fusedrawer 3 Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm Fingergrip, 5 x 20, 2-pole, Voltage Selector 4303.2014.00 Fingergrip, 5 x 20, 2-pole, Voltage Selector, 100, 120, 220, 240 4303.2014.01 Fingergrip, 5 x 20, 2-pole, Voltage Selector, 110, 150, 220 4303.2014.02 Fingergrip, 5 x 20, 2-pole, Voltage Selector, 110, 220 4303.2014.03 ... |
Numéro de pièce similaire - CD44.1101.151 |
|
Description similaire - CD44.1101.151 |