Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14028B Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC14028B
Description  BCD-To-Decimal Decoder Binary-To-Octal Decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14028B Fiches technique(HTML) 1 Page - ON Semiconductor

  MC14028B Datasheet HTML 1Page - ON Semiconductor MC14028B Datasheet HTML 2Page - ON Semiconductor MC14028B Datasheet HTML 3Page - ON Semiconductor MC14028B Datasheet HTML 4Page - ON Semiconductor MC14028B Datasheet HTML 5Page - ON Semiconductor MC14028B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 9
1
Publication Order Number:
MC14028B/D
MC14028B
BCD-To-Decimal Decoder
Binary-To-Octal Decoder
The MC14028B decoder is constructed so that an 8421 BCD code
on the four inputs provides a decimal (one−of−ten) decoded output,
while a 3−bit binary input provides a decoded octal (one−of−eight)
code output with D forced to a logic “0”. Expanded decoding such as
binary−to−hexadecimal (one−of−sixteen), etc., can be achieved by
using other MC14028B devices. The part is useful for code
conversion, address decoding, memory selection control,
demultiplexing, or readout decoding.
Features
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−power TTL Loads or One Low−Power
Schottky TTL Load Over the Rated Temperature Range
Positive Logic Design
Low Outputs on All Illegal Input Combinations
Similar to CD4028B
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
− 0.5 to VDD
+ 0.5
V
Input or Output Current (DC or Transient)
per Pin
Iin, Iout
±10
mA
Power Dissipation per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Lead Temperature (8−Second Soldering)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Packages: –7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
SOIC−16
D SUFFIX
CASE 751B
1
16
14028BG
AWLYWW
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
C
B
Q1
Q3
VDD
Q8
A
D
Q7
Q0
Q2
Q4
VSS
Q6
Q5
Q9


Numéro de pièce similaire - MC14028B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14028B MOTOROLA-MC14028B Datasheet
254Kb / 7P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B Datasheet
216Kb / 8P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
March, 2000 ??Rev. 3
MC14028B ONSEMI-MC14028B Datasheet
122Kb / 7P
   BCD?뭈o?묭ecimal Decoder Binary?뭈o?뭀ctal Decoder
June, 2006 ??Rev. 6
logo
Motorola, Inc
MC14028BCL MOTOROLA-MC14028BCL Datasheet
254Kb / 7P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
MC14028BCP MOTOROLA-MC14028BCP Datasheet
254Kb / 7P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
More results

Description similaire - MC14028B

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD14028B HITACHI-HD14028B Datasheet
77Kb / 6P
   BCD-to-Decimal Decoder/Binary-to-Octal Decoder
logo
Motorola, Inc
MC14028B MOTOROLA-MC14028B Datasheet
254Kb / 7P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B Datasheet
216Kb / 8P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com